Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM1421 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # CM1421
Description  4-Channel LCD EMI Filter Array plus / 4-Channel ESD Protection Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

CM1421 Datasheet(HTML) 3 Page - California Micro Devices Corp

  CM1421 Datasheet HTML 1Page - California Micro Devices Corp CM1421 Datasheet HTML 2Page - California Micro Devices Corp CM1421 Datasheet HTML 3Page - California Micro Devices Corp CM1421 Datasheet HTML 4Page - California Micro Devices Corp CM1421 Datasheet HTML 5Page - California Micro Devices Corp CM1421 Datasheet HTML 6Page - California Micro Devices Corp CM1421 Datasheet HTML 7Page - California Micro Devices Corp CM1421 Datasheet HTML 8Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
04/27/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
CM1421
Specifications
Note 1: TA=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Clamping voltage is measured at the opposite side of the EMI filter to the ESD pin. For example, if ESD is applied to Pin A2,
then clamping voltage is measured at Pin C2.
Note 4: Unused pins are left open
Note 5: These parameters are guaranteed by design and characterization.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
C
Capacitance
At 2.5V DC
12
15
18
pF
VDIODE
Diode Standoff Voltage
IDIODE=10µA5.5
V
ILEAK
Diode Leakage Current (reverse bias)
VDIODE=3.3V
100
nA
VSIG
Signal Voltage
Positive Clamp
Negative Clamp
ILOAD = 10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
VESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883,
Method 3015
b) Contact Discharge per IEC 61000-4-2
Level 4
Notes 2,4 and 5
±30
±15
kV
kV
VCL
Clamping Voltage during ESD Discharge
MIL-STD-883 (Method 3015), 8kV
Positive Transients
Negative Transients
Notes 2,3,4 and 5
+12
-7
V
V
f
C
Cut-off Frequency
ZSOURCE=50Ω, ZLOAD=50Ω
R=100
Ω, C=15pF
120
MHz


Similar Part No. - CM1421

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1421 ONSEMI-CM1421 Datasheet
663Kb / 8P
   4-Channel LCD EMI Filter Array
March, 2011 ??Rev. 3
More results

Similar Description - CM1421

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CSPEMI607 CALMIRCO-CSPEMI607 Datasheet
198Kb / 5P
   4-Channel LCD EMI Filter Array with ESD Protection plus 4-Channel of ESD Protection Array
logo
ON Semiconductor
CSPEMI307A ONSEMI-CSPEMI307A_11 Datasheet
807Kb / 8P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD
May, 2011 ??Rev. 3
CSPEMI307A ONSEMI-CSPEMI307A Datasheet
373Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
May 2010 Rev. 2
logo
California Micro Device...
CSPEMI307A CALMIRCO-CSPEMI307A Datasheet
1Mb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
logo
ON Semiconductor
CM1401-32CP ONSEMI-CM1401-32CP Datasheet
354Kb / 12P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
June 2010 Rev. 0
CM1401-03 ONSEMI-CM1401-03 Datasheet
570Kb / 9P
   4-Channel ESD/EMI Filter Array Plus 4-Channel ESD Array for USB
March, 2011 ??Rev. 4
logo
California Micro Device...
CM1401-03 CALMIRCO-CM1401-03 Datasheet
505Kb / 9P
   4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB
CM1441 CALMIRCO-CM1441 Datasheet
615Kb / 8P
   4-Channel EMI Filter Array w/ ESD 4-channel ESD Array
CM1406 CALMIRCO-CM1406 Datasheet
514Kb / 7P
   4 Channel EMI Filter Array with ESD Protection
logo
ON Semiconductor
CM1443-04CP ONSEMI-CM1443-04CP Datasheet
270Kb / 11P
   4-Channel EMI Filter Array with ESD Protection
April 2010 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com