Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124TM Datasheet(PDF) 1 Page - Rohm

Part # DTA124TM
Description  Digital transistors (built in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA124TM Datasheet(HTML) 1 Page - Rohm

  DTA124TM Datasheet HTML 1Page - Rohm DTA124TM Datasheet HTML 2Page - Rohm DTA124TM Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTA124TM / DTA124TE / DTA124TUA /
Transistors
DTA124TKA / DTA124TSA
1/2
Digital transistors (built in resistor)
DTA124TM / DTA124TE / DTA124TUA /
DTA124TKA / DTA124TSA
Features
1) Built-in circuit enables the configuration of an
inverter circuit without connecting external input
resistors. (see equivalent circuit).
2) The bias resistors consist of thin-film resistors
with complete isolation to allow positive biasing
of the input. They also have the advantage of
almost completely eliminating parasitic effects.
3) Only the on / off conditions need to be set for
operation, making device design easy.
Equivalent circuit
R1
B : Base
C : Collector
E : Emitter
B
E
C
External dimensions (Unit : mm)
(1) Emitter
(2) Collector
(3) Base
ROHM : SPT
EIAJ : SC-72
DTA124TSA
0.45
2.5
(1) (2) (3)
5
0.45
0.5
42
Abbreviated symbol : 95
ROHM : SMT3
EIAJ : SC-59
DTA124TKA
(2) Base
(3) Collector
(1) Emitter
0.3Min.
2.8
1.6
All terminals have same dimensions
Abbreviated symbol : 95
(3) Collector
(1) Emitter
(2) Base
1.25
2.1
0.1Min.
ROHM : UMT3
EIAJ : SC-70
DTA124TUA
All terminals have same dimensions
Abbreviated symbol : 95
Abbreviated symbol : 95
ROHM : EMT3
DTA124TE
(3) Collector
(1) Emitter
(2) Base
0.1Min.
1.6
0.8
(2)
(3)
(1)
ROHM : VMT3
DTA124TM
(1) Base
(2) Emitter
(3) Collector
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)


Similar Part No. - DTA124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA124TM ROHM-DTA124TM Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
DTA124TM ROHM-DTA124TM Datasheet
1Mb / 8P
   PNP -100mA -50V Digital Transistor
More results

Similar Description - DTA124TM

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com