Electronic Components Datasheet Search |
|
ASMC-PAB9-TX4G5 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
ASMC-PAB9-TX4G5 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 9 page ASMC-PxB9-Txxxx Envisium Power PLCC-4 Surface Mount LED Data Sheet Features • Industry standard PLCC-4 (Plastic Leaded Chip Carrier) • High reliability LED package • Mid-Power intensity brightness with optimum flux performance using TS AlInGaP dice technologies • Available in Red, Red Orange and Amber colors • High optical efficiency • Higher ambient temperature at the same current possible compared to PLCC-2 • Super wide viewing angle at 120 ° • Available in 8 mm carrier tape on 7- inch reel • Compatible with both IR and TTW soldering process Applications • Interior automotive – Instrument panel backlighting – Central console backlighting – Navigation and audio system – Push button backlighting • Exterior automotive – Turn signals – Side repeaters – CHMSL – Rear combination lamp – Puddle light • Electronic signs and signals – Channel lettering – Contour lighting – Indoor variable message sign • Office automation, home appliances, industrial equipment – Front panel backlighting – Push button backlighting – Display backlighting Envisium Envisium is the premier class of mid-Power LEDs from Agilent and Lumileds utilizing the very best solid-state lighting technologies from these two industry leaders. Envisium LEDs offer unparalleled performance, engineering and design flexibility. For the very first time, customers have options for mid-power LEDs. Description The Envisium Power PLCC-4 SMT LED is an extension of Agilent’s PLCC-4 SMT LEDs. The package can be driven at high current due to its superior package design. The product is able to dissipate the heat more efficiently compared to the conventional PLCC-2 SMT LEDs. These LEDs produce higher light output with better flux performance compared to the conventional PLCC-4 SMT LEDs. The Envisium Power PLCC-4 SMT LEDs are designed for higher reliability, better performance, and operate under a wide range of environmental conditions. The performance characteristics of these new mid-power LEDs make them uniquely suitable for use in harsh conditions such as in automotive applications, and in electronics signs and signals. To facilitate easy pick and place assembly, the LEDs are packed in EIA-compliant tape and reel. Every reel is shipped in single intensity and color bin (except for red), to provide close uniformity. These LEDs are compatible with the IR solder reflow process. Due to the high reliability feature of these products, they also can be mounted using through-the-wave soldering process. The Envisium Power PLCC-4 SMT LED is available in 3 colors, red, red-orange and amber. |
Similar Part No. - ASMC-PAB9-TX4G5 |
|
Similar Description - ASMC-PAB9-TX4G5 |