Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA115TE Datasheet(PDF) 2 Page - Rohm

Part # DTA115TE
Description  Digital transistors (built-in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA115TE Datasheet(HTML) 2 Page - Rohm

  DTA115TE Datasheet HTML 1Page - Rohm DTA115TE Datasheet HTML 2Page - Rohm DTA115TE Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTA115TM / DTA115TE / DTA115TUA /
Transistors
DTA115TKA / DTA115TSA
Rev.A
2/2
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
−50
−50
−5
−100
150
200
300
DTA115TM / DTA115TE
DTA115TUA / DTA115TKA
DTA115TSA
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Junction temperature
Storage temperature
Collector power
dissipation
Package, marking, and packaging specifications
Part No.
DTA115TE
DTA115TM
EMT3
VMT3
99
99
TL
T2L
3000
8000
DTA115TUA
UMT3
99
T106
3000
DTA115TKA
SMT3
99
T146
3000
DTA115TSA
SPT
TP
5000
Package
Basic ordering unit (pieces)
Marking
Packaging code
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
R1
−50
−50
−5
100
70
250
250
100
−0.5
−0.5
−0.3
600
130
V
V
V
µA
µA
V
MHZ
k
IC
= −50µA
IC
= −1mA
IE
= −50µA
VCB
= −50V
VEB
= −4V
IC/IB
= −1mA/−0.1mA
IC
= −1mA , VCE= −5V
VCE
= −10V , IE=5mA , f=100MHZ
∗Transition frequency of the device.
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Input resistance
Transition frequency
Electrical characteristics curves
1k
100
50
20
500
200
10
5
2
1
10
µ 20µ
50
µ 100µ 200µ
500
µ 1m
2m
5m
10m
Fig.1 DC current gain
vs. Collector current
COLLECTOR CURRENT : IC
(A)
VCE
=5V
Ta
=25°C
Ta
=100°C
Ta
= −40°C
1
100m
50m
20m
500m
200m
10m
5m
2m
1m
10
µ 20µ
50
µ 100µ 200µ
500
µ 1m
2m
5m
10m
Fig.2 Collector-Emitter saturation voltage
vs. Collector current
COLLECTOR CURRENT : IC
(A)
IC/IB
=10/1
Ta
=25°C
Ta
=100°C
Ta
= −40°C


Similar Part No. - DTA115TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA115TE ROHM-DTA115TE Datasheet
58Kb / 2P
   Digital transistors (built-in resistor)
DTA115TE ROHM-DTA115TE Datasheet
145Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
logo
ON Semiconductor
DTA115TE ONSEMI-DTA115TE Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
DTA115TET1G ONSEMI-DTA115TET1G Datasheet
143Kb / 11P
   Digital Transistors
February, 2013 ??Rev. 2
DTA115TET1G ONSEMI-DTA115TET1G Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results

Similar Description - DTA115TE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTA114TE ROHM-DTA114TE Datasheet
85Kb / 4P
   Digital transistors (built in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com