Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM10C348S Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # LTM10C348S
Description  LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

LTM10C348S Datasheet(HTML) 5 Page - Toshiba Semiconductor

  LTM10C348S Datasheet HTML 1Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 2Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 3Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 4Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 5Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 6Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 7Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 8Page - Toshiba Semiconductor LTM10C348S Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
(5/10)
2000-02-18 (Ver.2.4)
LTM10C348S
TIMING SPECIFICATION
1)2) 3) 4)5)
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Frame Period
t1
604
× t3
-
628
× t3
16.58
677
× t3
17.86
-
ms
Vertical
Display Term
t2
600
× t3
600
× t3
600
× t3
-
One Line Scanning
Time
t3
958
× t5
26.3
1056
× t5
26.4
1064
× t5
-
µs
Horizontal
Display Term
t4
800
× t5
800
× t5
800
× t5
-
Clock Period
t5
24.7
25.0
27.8
ns
Note 1) Refer to TIMING CHART and LVDS (DF90CF364MTD) specifications by National Semiconductor.
Note 2) If ENAB is fixed to "H" or "L" level for certain period while NCLK is supplied, the panel displays black with some
flicker.
Note 3) If NCLK is fixed to "H" or "L" level for certain period while ENAB is supplied, the panel may be damaged.
Note 4) Please adjust LCD operating signal timing and FL driving frequency, to optimize the display quality.
There is a possibility that flicker is observed by the interference of LCD operating signal timing and FL driving
Condition (especially driving frequency ), even if the condition satisfies above timing specifications and
recommended operating conditions shown in 3.
Note 5) Do not make t1,t2 and t3 fluctuate.
If t1,t2 and t3 are fluctuate, the panel displays black.
Notes 6)
Do not hold NCLK on “H” level nor
“L” level during VDD(+3.3V) Is supplied.
When it holds on, DC voltage
supplies to liquid crystal materials and it may cause damage to liquid crystal materials.
SEQUENCE OF POWER SUPPLIES AND SIGNALS
NCLK
DATA
ENAB
3.0V
3.0V
0.2V
0.2V
0.2V
VDD
0.2
VDD
0.2
VDD
0ms(Min.)
40ms(Max.)
10ms(Max.)
10ms(Max.)
500ms(Min.)
0ms(Min.)
40ms(Max.)


Similar Part No. - LTM10C348S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTM10C306L TOSHIBA-LTM10C306L Datasheet
112Kb / 10P
   LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
More results

Similar Description - LTM10C348S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
LTM10C306L TOSHIBA-LTM10C306L Datasheet
112Kb / 10P
   LIQUID CRYSTAL DISPLAY DIVISION PRODUCT INFORMATION
LTM15C441 TOSHIBA-LTM15C441 Datasheet
140Kb / 8P
   LIQUID CRYSTAL DISPLAY PRODUCT INFORMATION
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
logo
NXP Semiconductors
LB104V03-A1 PHILIPS-LB104V03-A1 Datasheet
377Kb / 24P
   Liquid Crystal Display
Oct. 10, 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com