Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z8F4802VS020EC Datasheet(PDF) 11 Page - Zilog, Inc.

Part # Z8F4802VS020EC
Description  Z8 Encore Microcontrollers with Flash Memory and 10-Bit A/D Converter
Download  246 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F4802VS020EC Datasheet(HTML) 11 Page - Zilog, Inc.

Back Button Z8F4802VS020EC Datasheet HTML 7Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 8Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 9Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 10Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 11Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 12Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 13Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 14Page - Zilog, Inc. Z8F4802VS020EC Datasheet HTML 15Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 246 page
background image
PS017610-0404
List of Figures
Z8F640x/Z8F480x/Z8F320x/Z8F240x/Z8F160x
Z8 Encore!®
xv
Figure 31. Flash Controller Operation Flow Chart . . . . . . . . . . . . . . 140
Figure 32. On-Chip Debugger Block Diagram . . . . . . . . . . . . . . . . . 151
Figure 33. Interfacing the On-Chip Debugger’s DBG Pin with an
RS-232 Interface (1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 152
Figure 34. Interfacing the On-Chip Debugger’s DBG Pin with an
RS-232 Interface (2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 153
Figure 35. OCD Data Format . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 154
Figure 36. Recommended Crystal Oscillator Configuration
(20MHz operation) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 166
Figure 37. Nominal ICC Versus System Clock Frequency . . . . . . . 170
Figure 38. Nominal Halt Mode ICC Versus System
Clock Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 171
Figure 39. Port Input Sample Timing . . . . . . . . . . . . . . . . . . . . . . . . 176
Figure 40. GPIO Port Output Timing . . . . . . . . . . . . . . . . . . . . . . . . 177
Figure 41. On-Chip Debugger Timing . . . . . . . . . . . . . . . . . . . . . . . 178
Figure 42. SPI Master Mode Timing . . . . . . . . . . . . . . . . . . . . . . . . 179
Figure 43. SPI Slave Mode Timing . . . . . . . . . . . . . . . . . . . . . . . . . . 180
Figure 44. I2C Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 181
Figure 45. Flags Register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 201
Figure 46. Opcode Map Cell Description . . . . . . . . . . . . . . . . . . . . . 202
Figure 47. First Opcode Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 204
Figure 48. Second Opcode Map after 1FH . . . . . . . . . . . . . . . . . . . . 205
Figure 49. 40-Lead Plastic Dual-Inline Package (PDIP) . . . . . . . . . 206
Figure 50. 44-Lead Low-Profile Quad Flat Package (LQFP) . . . . . . 207
Figure 51. 44-Lead Plastic Lead Chip Carrier Package (PLCC) . . . 207
Figure 52. 64-Lead Low-Profile Quad Flat Package (LQFP) . . . . . . 208
Figure 53. 68-Lead Plastic Lead Chip Carrier Package (PLCC) . . . 209
Figure 54. 80-Lead Quad-Flat Package (QFP) . . . . . . . . . . . . . . . . . 210


Similar Part No. - Z8F4802VS020EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F48 ZILOG-Z8F48 Datasheet
149Kb / 2P
   MCU Development Kit
Z8F4821AN020AC ZILOG-Z8F4821AN020AC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8F4821AN020EC ZILOG-Z8F4821AN020EC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8F4821AN020SC ZILOG-Z8F4821AN020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
Z8F4821PM020AC ZILOG-Z8F4821PM020AC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
More results

Similar Description - Z8F4802VS020EC

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8F6421PM020SC ZILOG-Z8F6421PM020SC Datasheet
1Mb / 299P
   High Performance 8-Bit Microcontrollers Z8 Encore-R 64K Series
logo
Microchip Technology
PIC18F2221 MICROCHIP-PIC18F2221_1 Datasheet
6Mb / 402P
   Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
logo
KODENSHI_AUK CORP.
KKA84C641 KODENSHI-KKA84C641 Datasheet
174Kb / 3P
   Z8-BIT MICROCONTROLLERS WITH OCD AND VST
logo
Zilog, Inc.
Z8FMC16100 ZILOG-Z8FMC16100 Datasheet
4Mb / 402P
   Z8 Encore-R Motor Control Flash MCUs
logo
Microchip Technology
PIC18F452-IPT MICROCHIP-PIC18F452-IPT Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
logo
Zilog, Inc.
Z8F041APB020SC ZILOG-Z8F041APB020SC Datasheet
3Mb / 276P
   Z8 Encore XP-R 4K Series High-Performance 8-Bit Microcontrollers
logo
Microchip Technology
PIC18F242-I-SO MICROCHIP-PIC18F242-I-SO Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
PIC18F442-I MICROCHIP-PIC18F442-I Datasheet
5Mb / 332P
   High-Performance, Enhanced Flash Microcontrollers with 10-Bit A/D
08/29/06
logo
National Semiconductor ...
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC18F452 MICROCHIP-PIC18F452 Datasheet
5Mb / 332P
   High Performance, Enhanced FLASH Microcontrollers with 10-Bit A/D
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com