Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA8044Q Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CXA8044Q
Description  BALANCED MODULATOR AND RF ENVELOPE DETECTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CXA8044Q Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CXA8044Q Datasheet HTML 1Page - List of Unclassifed Manufacturers CXA8044Q Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25
26
27
28
29
30
31
32
16
15
14
13
12
11
10
9
NC
5
31
15
27
11
12
13
14
29
20
7
9
22
PB PILOT
NFB
VREF
S/H A PLS
FH
3FH
ATF SWP
TRKG
S/H B PLS
REF 1
GCA
GAIN CNT
REF 2
6
PRE-AMP
32
25
26
3
28
30
16
18
24
OUT
LPF
HOLD A
S/H A
HOLD B
ATF LOCK
BM OUT 1
BM OUT 1
BM OUT 2
PIN
NO.
I/O
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
O
I
O
I
I
I
I
I
I
O
NC
PB 5V
S/H A
VCC
PB PILOT
PRE-AMP
GCA
NC
GAIN CNT
NC
FH
3FH
ATF SWP
TRKG
VREF
BM OUT 1
SIGNAL
PIN
NO.
I/O
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
O
I
I
O
O
I
O
I
O
I
O
NC
BM OUT 1
GND
REF1
NC
REF2
NC
BM OUT 2
LPF
HOLD A
S/H A PLS
HOLD B
S/H B PLS
AYF LOCK
NFB
OUT
SIGNAL
CXA8044Q (1/2)
IL08
BALANCED MODULATOR AND RF ENVELOPE DETECTOR
—TOP VIEW—
NC


Similar Part No. - CXA8044Q

ManufacturerPart #DatasheetDescription
logo
Power Systems GmbH+Co.K...
CXA-0214 POWER-SYSTEMS-CXA-0214 Datasheet
109Kb / 2P
   DC-AC INVERTER UNIT 5.0W DUAL OUTPUTS WITH DIMMING FUNCTION
logo
TDK Electronics
CXA-0217 TDK-CXA-0217 Datasheet
60Kb / 2P
   DC to AC Inverters Connector type, Dimming, 7W, for 2 Bulbs
logo
Power Systems GmbH+Co.K...
CXA-0217 POWER-SYSTEMS-CXA-0217 Datasheet
57Kb / 4P
   DC-AC INVERTER UNIT 7W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0231 POWER-SYSTEMS-CXA-0231 Datasheet
169Kb / 4P
   DC-AC INVERTER UNIT 8W DUAL OUTPUTS WITH WIDE DIMMING FUNCTION
logo
TDK Electronics
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
More results

Similar Description - CXA8044Q

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL6010S AD-ADL6010S Datasheet
1Mb / 14P
   Envelope Detector
ADL5511 AD-ADL5511 Datasheet
1Mb / 28P
   Envelope and TruPwr RMS Detector
REV. A
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
ADL6012 AD-ADL6012 Datasheet
268Kb / 7P
   500 MHz BW Envelope Detector
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
ADL5511 AD-ADL5511_14 Datasheet
1Mb / 29P
   DC to 6 GHz Envelope and TruPwr RMS Detector
ADL5511ACPZ AD-ADL5511ACPZ Datasheet
1Mb / 28P
   DC to 6 GHz Envelope and TruPwr RMS Detector
REV. A
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_04 Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
   Balanced Modulator-Demodulator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com