Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1117-25FC-TR Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1117-25FC-TR
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117-25FC-TR Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1117-25FC-TR Datasheet HTML 1Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 2Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 3Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Jun., 2003
APL1117
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed
1.8V, 2.5V, 2.85V and 3.3V
••••• Guaranteed Output Voltage Accuracy within 2%
••••• Fast Transient Response
••••• Guaranteed Dropout Voltage at Multiple
Currents
••••• Load Regulation : 0.1% Typ.
••••• Line Regulation : 0.03% Typ.
••••• Low Dropout Voltage : 1.1V Typ. at I
OUT =1A
••••• Current Limit : 1A Typ. at T
J=25°C
••••• On-Chip Thermal Limiting : 150°C Typ.
••••• Adjustable Output : 1.25~10.7V
••••• Standard 3-pin TO-220, TO-252, TO-263 and
SOT-223 Power Packages
Features
Applications
••••• Active SCSI Terminators
••••• Low Voltage Logic Supplies
••••• Battery-Powered Circuitry
••••• Post Regulator for Switching Power Supply
General Description
The APL1117 is a low dropout three-terminal adjust-
able regulators with 1A output current capability. In
order to obtain lower dropout voltage and faster tran-
sient response, which is critical for low voltage ap-
plications , the APL1117 has been optimized. The
device is available in an adjustable version and fixed
output voltages of 1.8V, 2.5V, 2.85V and 3.3V. The
output available voltage range of an adjustable ver-
sion is from 1.25~10.7V with an input supply below
12V. Dropout voltage is guaranteed at a maximum of
1.3V at 1A. Current limit is trimmed to ensure speci-
fied output current and controlled short-circuit current.
On-chip thermal limiting provides protection against
any combination of overload that would create exces-
sive junction temperatures. The APL1117 is available
in the industry standard 3-pin TO-220, TO-252, TO-
263, and the low profile surface mount SOT-223
power packages which can be used in applications
where space is limited.
Pin Description
Front View for TO-252
TAB IS V
OUT
1
2
3
V
IN
V
OUT
ADJ/GND
Front View for TO-263
1
2
3
V
IN
V
OUT
ADJ/GND
TAB is V
OUT
Front View for TO-220
1
2
3
V
IN
V
OUT
ADJ/GND


Similar Part No. - APL1117-25FC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TRG ANPEC-APL111712FC-TRG Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TRL ANPEC-APL111712FC-TRL Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TUG ANPEC-APL111712FC-TUG Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TUL ANPEC-APL111712FC-TUL Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results

Similar Description - APL1117-25FC-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com