Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL1117-25FC-TR Datasheet(PDF) 8 Page - Anpec Electronics Coropration

Part # APL1117-25FC-TR
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1117-25FC-TR Datasheet(HTML) 8 Page - Anpec Electronics Coropration

Back Button APL1117-25FC-TR Datasheet HTML 4Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 5Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 6Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 7Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 8Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 9Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 10Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 11Page - Anpec Electronics Coropration APL1117-25FC-TR Datasheet HTML 12Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. B.8 - Jun., 2003
APL1117
www.anpec.com.tw
8
50
52
54
56
58
60
62
64
66
68
70
-50
-25
0
25
50
75
100
125

APL1117-33
2
3
4
5
6
7
8
-50
-25
0
25
50
75
100
125

1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
-50
0
50
100
150
-100
+0
-90
-80
-70
-60
-50
-40
-30
-20
-10
10
200k
20
50 100 200 500 1k 2k
5k 10k 20k
50k
$
Typical Characteristics Cont.
Temperature (°C)
Current Limit vs. Temperature
Temperature (°C)
PSRR vs. Frequency
Frequency (Hz)
Adjustable Pin Current vs. Temperature
Temperature (°C)
Input Current vs. Tmeperature
VIN-VOUT=5V
Cadj=22
µF
IOUT=0.1A
Vripple=1Vp-p
VIN-VOUT>=Vdropout
VIN-VOUT>=3V
APL1117-Adj
APL1117-33
APL1117-33


Similar Part No. - APL1117-25FC-TR

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TRG ANPEC-APL111712FC-TRG Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TRL ANPEC-APL111712FC-TRL Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TUG ANPEC-APL111712FC-TUG Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL111712FC-TUL ANPEC-APL111712FC-TUL Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
More results

Similar Description - APL1117-25FC-TR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Anpec Electronics Corop...
APL1086 ANPEC-APL1086_08 Datasheet
229Kb / 15P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, and 3.3V
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
APL1086 ANPEC-APL1086 Datasheet
141Kb / 14P
   1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1117D ANPEC-APL1117D Datasheet
114Kb / 11P
   1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com