Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS4LC1M16S1-8TC Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS4LC1M16S1-8TC
Description  3.3V 2M x 8/1M x 16 CMOS synchronous DRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4LC1M16S1-8TC Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS4LC1M16S1-8TC Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS4LC1M16S1-8TC Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
ALLIANCE SEMICONDUCTOR
7/5/00
AS4LC2M8S1
AS4LC1M16S1
18 A proper power-up initialization sequence (as described on page 10) is needed before proper device operation is ensured. (V DD and VDDQ must be
powered up simultaneously. VSS and VSSQ must be at the same potential.)Two AUTOREFRESH command wake-ups should be repeated any time the tREF
refresh requirement is exceeded.
19 AC characteristics assume tT = 1 ns.
20 In addition to meeting the transition rate specification, the clock and CKE must transit between V IH and VIL (or between VIL and VIH) in a monotonic
manner.
21 Outputs measured at 1.4 V with equivalent load.
22 AC timing and IDD tests have VIL = 0V and VIH = 2.8 V with timing referenced to 1.4V crossover point.
23 IDD specifications are tested after the device is properly initialized.
24 Minimum clock cycles = (minimum time/clock cycle time) rounded up.
Device operation
Command
Pin settings
Description
Power up
The following sequence is recommended prior to normal operation.
1
Apply power, start clock, and assert CKE and DQM high. All other
signals are NOP.
2
After power-up, pause for a minimum of 200µs. CKE/DQM =
high; all others NOP.
3
Precharge both banks.
4
Perform Mode Register Set command to initialize mode register.
5
Perform a minimum of 8 auto refresh cycles to stabilize internal
circuitry.
(Steps 4 and 5 may be interchanged.)
Mode register set
CS = RAS = CAS = WE = low;
A0~A11 = opcode
The mode register stores the user selected opcode for the SDRAM
operating modes. The CAS latency, burst length, burst type, test mode
and other vendor specific functions are selected/programmed during
the Mode Register Set command cycle. The default setting of the mode
register is not defined after power-up. Therefore, it is recommended
that the power-up and mode register set cycle be executed prior to
normal SDRAM operation. Refer to the Mode Register Set table and
timing for details.
Device deselect and
no operation
CS = high, or
RAS, CAS, WE = high
The SDRAM performs a “no operation” (NOP) when RAS, CAS, and
WE = high. Since the NOP performs no operation, it may be used as a
wait state in performing normal SDRAM functions. The SDRAM is
deselected when CS is high. CS high disables the command decoder
such that RAS, CAS, WE and address inputs are ignored. Device
deselection is also considered a NOP.
Bank activation
CS = RAS = low; CAS = WE =
high; A0~A10 = row address;
A11 = bank select
The SDRAM is configured with two internal banks. Use the Bank
Activate command to select a row in one of the two idle banks. Initiate
a read or write operation after tRCD(min) from the time of bank
activation.
Q
30 pF


Similar Part No. - AS4LC1M16S1-8TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC1M16S1-8TC ALSC-AS4LC1M16S1-8TC Datasheet
721Kb / 29P
   3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
More results

Similar Description - AS4LC1M16S1-8TC

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4LC1M16S0 ALSC-AS4LC1M16S0 Datasheet
721Kb / 29P
   3.3V 2M 횞 8/1M 횞 16 CMOS synchronous DRAM
logo
Sharp Corporation
LH5316P00B SHARP-LH5316P00B Datasheet
50Kb / 6P
   CMOS 16M (2M x 8/1M x 16) MROM
logo
Alliance Semiconductor ...
AS4C1M16S ALSC-AS4C1M16S Datasheet
2Mb / 53P
   1M x 16 bit Synchronous DRAM
logo
AMIC Technology
A23L0616 AMICC-A23L0616_15 Datasheet
172Kb / 10P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
A23L0616 AMICC-A23L0616 Datasheet
259Kb / 11P
   1M X 16 / 2M X 8 BIT CMOS MASK ROM
logo
Alliance Semiconductor ...
AS29LV160 ALSC-AS29LV160 Datasheet
561Kb / 29P
   3W 2M x 8 / 1M x 16 - CMOS Flash EEPROM
logo
List of Unclassifed Man...
AS4C1M16F5 ETC1-AS4C1M16F5 Datasheet
485Kb / 21P
   5V 1M X 16 CMOS DRAM
GLT5640L32 ETC-GLT5640L32 Datasheet
906Kb / 49P
   CMOS Synchronous DRAM 2M x 32 SDRAM
logo
Elite Semiconductor Mem...
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com