Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G72DC-DC24CL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # G72DC-DC24CL
Description  Sub-miniature, low profile
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G72DC-DC24CL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  G72DC-DC24CL Datasheet HTML 1Page - List of Unclassifed Manufacturers G72DC-DC24CL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65 SHARK RIVER ROAD, NEPTUNE, NEW JERSEY 07753-7423
TOLL FREE 1 (888) 922-8330
FX (732) 922-6363
E-mail: globalcomponents@msn.com
n Features
• Sub-miniature, low profile
• Excellent performance by choice of contact materials
• Available saeled or with dust cover
• UL Class B insulation standard
G72
UL E155513
C-UL E155513
n Specifications
Arrangement
1 Form A, 1 Form C
Material Code
Nil
C
C1
S
Rated
220VAC
3A
5A
7A
Load
120VAC
5A
10A
TV-5
28VDC
5A
10A
Material
Ag
AgCdO
AgCdO
AgSnO2
Min. Load
100 mA, 12 VDC
Initial Resistance
100 mW, at 100 ,mA, 6 VDC
Service
Mechanical
107 operations at operating frequency of 300 ops/min
Life
Electrical
105 operations at rated load except 2.5 x 104 operations for TV-5
Operate Time
8ms, Max.
Release Time
5 ms, Max.
Insulation Resistance
100 MW, min. at 500 VDC, 50% RH
Dielectric Strength
1500 Vrms, 1 min. coil to contacts;
1000 Vrms, 1 min. contact to contact
Shock Resistance
10 g, 11 ms, functional; 100 g, destructive
Vibration Resistance
DA1.5mm,10-55Hz,functional
Power Consumption
0.36 W
AmbientTemperature
-40°C to +70°C operating; 140°C to + 130°C storage
Weight
13gapprox.
5
70
71
4
0.5
6
100
60
4.8
0.6
9
220
41
7.2
0.9
12
400
30
9.6
1.2
24
1600
15
19.2
2.4
n Coil Rating (20°C)
NominalVoltage
Resistance
Nominal Current
Must Operate
Must Release
(VDC)
(W ± 10%)
(mA)
Voltage Max. (V)
VoltageMin. (V)


Similar Part No. - G72DC-DC24CL

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
logo
IDEA.lnc.
G72B IDEA-G72B Datasheet
25Kb / 1P
   T-1-3/4 Double Height, Right-Angle LED Assembly
logo
Greenliant systems
G72U1T6P-I-GD104 GREENLIANT-G72U1T6P-I-GD104 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
G72U1T9P-I-GD104 GREENLIANT-G72U1T9P-I-GD104 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
G72U800P-I-GD104 GREENLIANT-G72U800P-I-GD104 Datasheet
161Kb / 5P
   NVMe U.2 EnduroSLC Industrial Enterprise SSD
More results

Similar Description - G72DC-DC24CL

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9300SSC ACT-ACT9300SSC Datasheet
487Kb / 6P
   miniature, low profile SMD
26/10/05
ACT9200L ACT-ACT9200L Datasheet
96Kb / 3P
   miniature, low profile SMD
1/10/05
ACT9200SSCL ACT-ACT9200SSCL Datasheet
304Kb / 5P
   miniature, low profile SMD
26/10/05
logo
Bi technologies
HM66 BITECH-HM66 Datasheet
943Kb / 3P
   Miniature Low Profile, Shielded
logo
Advanced Crystal Techno...
ACT9200 ACT-ACT9200 Datasheet
97Kb / 3P
   miniature, low profile SMD
2/11/05
logo
Epson ToYoCom
TG-5005CE EPSONTOYOCOM-TG-5005CE Datasheet
362Kb / 1P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Advanced Crystal Techno...
ACT9300 ACT-ACT9300 Datasheet
140Kb / 2P
   miniature low profile Surface Mount
29/07/2006
logo
Epson ToYoCom
TCO-5860 EPSONTOYOCOM-TCO-5860 Datasheet
318Kb / 2P
   TCXO MINIATURE SIZE LOW PROFILE
logo
Recom International Pow...
RW-S RECOM-RW-S Datasheet
99Kb / 3P
   DIP24 Low Profile Miniature Package
logo
Advanced Crystal Techno...
ACT9353 ACT-ACT9353 Datasheet
138Kb / 2P
   miniature low profile Clock Oscillator,
12/10/05
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com