Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2687S Datasheet(PDF) 1 Page - Rohm

Part # 2SD2687S
Description  Low frequency amplifier, storobo
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2687S Datasheet(HTML) 1 Page - Rohm

  2SD2687S Datasheet HTML 1Page - Rohm 2SD2687S Datasheet HTML 2Page - Rohm 2SD2687S Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SD2687S
Transistors
1/2
Low frequency amplifier, storobo
2SD2687S
Application
Low frequency amplifier
Storobo
Features
1) A collector current is large.
2) VCE(sat) ≤ 250mV
At lc=1.5A / lB=30mA
External dimensions (Unit : mm)
Taping specifications
0.45
2.5
(1) (2) (3)
5.0
0.45
0.5
4.0
2.0
(1)Emitter(GND)
(2)Collector(OUT)
(3)Base(IN)
Absolute maximum ratings (Ta=25
°C)
Parameter
Single pulse, Pw
=10ms
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
15
12
6
5
400
150
−55 to +150
8
Unit
V
V
V
A
A
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power siddipation
Junction temperature
Range of storage temperature
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VCB
=10V, IE=0A, f=1MHz
Transition frequency
fT
360
MHz
VCE
=2V, IE=−500mA, f=100MHz
BVCBO
15
−−
V
IC
=10µA
Collector-emitter breakdown voltage
BVCEO
12
−−
V
IC
=1mA
Collector-base breakdown voltage
BVEBO
6
−−
V
IE
=10µA
Emitter-base breakdown voltage
ICBO
−−
100
nA
VCB
=15V
Collector cutoff current
IEBO
−−
100
nA
VEB
=6V
Emitter cutoff current
VCE(sat)
120
250
mV
IC
=1.5A, IB=30mA
Collector-emitter saturation voltage
hFE
350
680
VCE
=2V, IC=500mA
DC current gain
Cob
30
pF
Collector output capacitance
∗ Pulse


Similar Part No. - 2SD2687S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2687S ROHM-2SD2687S Datasheet
85Kb / 3P
   Low frequency amplifier, strobe
2SD2687S ROHM-2SD2687S_08 Datasheet
85Kb / 3P
   Low frequency amplifier, strobe
More results

Similar Description - 2SD2687S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2982 TOSHIBA-2SC2982_04 Datasheet
150Kb / 4P
   Storobo Flash Applications Medium Power Amplifier Applications
2SC2982 TOSHIBA-2SC2982 Datasheet
172Kb / 3P
   TRANSISTOR (STOROBO FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SC5765 TOSHIBA-2SC5765 Datasheet
106Kb / 4P
   MEDIUM POWER AMPLIFIER APPLICATIONS STOROBO FLASH APPLICATIONS
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
   Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
   Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
   LOW FREQUENCY AMPLIFIER
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
   Low frequency amplifier
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
   Low frequency amplifier
logo
Usha India Ltd.
2SA539 USHA-2SA539 Datasheet
81Kb / 2P
   LOW FREQUENCY AMPLIFIER
logo
Rohm
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
   Low frequency amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com