Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRA-E940 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # IRA-E940
Description  Pyroelectric Infrared Sensors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

IRA-E940 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button IRA-E940 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. IRA-E940 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
!Note Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specificaions before ordering.
S21E.pdf 05.11.16
4
7
Pyroelectric Infrared Sensor IRA Series Characteristics Data
! Spectral Response of Window Materials
! Frequency Characteristics
2.5
4000
3500
3000
2500
2000
1800
Wave number (cm-1)
Wave length (
µm)
4.3
µm Band-Pass Filter
7
µm Long-Pass Filter
Silicon Filter
1600
1400
1200
1000
800
100
0
20
40
60
80
3.0
4.0
5.0
6.0
7.0
8.0
10.0
12.0
5
µm Long-Pass Filter
1.0
Chopping Frequency (Hz)
1
10
10


Similar Part No. - IRA-E940

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-E940ST1 MURATA-IRA-E940ST1 Datasheet
526Kb / 16P
   Dual Type Pyroelectric Infrared Sensor
logo
Murata Manufacturing Co...
IRA-E940ST1 MURATA1-IRA-E940ST1 Datasheet
347Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results

Similar Description - IRA-E940

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
IRA-S220ST01A01 MURATA1-IRA-S220ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S230ST01 MURATA1-IRA-S230ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S500ST01A01 MURATA1-IRA-S500ST01A01 Datasheet
424Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420QW1 MURATA1-IRA-E420QW1 Datasheet
289Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E700ST1 MURATA1-IRA-E700ST1 Datasheet
347Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S200ST01A01 MURATA1-IRA-S200ST01A01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-E420SW1 MURATA1-IRA-E420SW1 Datasheet
290Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRS-B345ST03-R1 MURATA1-IRS-B345ST03-R1 Datasheet
329Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S210ST01 MURATA1-IRA-S210ST01 Datasheet
422Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
IRA-S400ST01A01 MURATA1-IRA-S400ST01A01 Datasheet
423Kb / 3P
   Pyroelectric Infrared Sensors
12/26/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com