Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5874S Datasheet(PDF) 2 Page - Rohm

Part # 2SC5874S
Description  Medium power transistor (30V, 1.0A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5874S Datasheet(HTML) 2 Page - Rohm

  2SC5874S Datasheet HTML 1Page - Rohm 2SC5874S Datasheet HTML 2Page - Rohm 2SC5874S Datasheet HTML 3Page - Rohm 2SC5874S Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5874S
Transistors
2/3
!
!
!
!
Electrical characteristics (Ta=25
°C)
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector-emitter saturation voltage
DC current gain
Transition frequency
Corrector output capacitance
Turn-on time
Storage time
Fall time
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE (sat)
hFE
fT
Cob
Ton
Tstg
Tf
IC
=1mA
IC
=100µA
IE
=100µA
VCB
=20V
VEB
=4V
IC
=500mA
IB
=50mA
VCE
=2V
IC
=100mA
VCE
=10V
IE
= −100mA
f
=10MHz
VCB
=10V
IE
=0mA
f
=1MHz
∗1
∗2
30
30
6
120
150
250
10
30
120
35
1.0
1.0
300
390
V
V
V
µA
µA
mV
MHz
pF
ns
ns
ns
IC
=1.0A
IB1
=100mA
IB2
= −100mA
VCC 25V
∗1 Non repetitive pulse
∗2 See Switching charactaristics measurement circuits
!
!
!
!
hFE RANK
Q
120
−270
R
180
−390
!
!
!
!
Electrical characteristic curves
0.1
100
10
1
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0.001
0.01
0.1
1
10
Fig.1 Safe Operating Area
Single
non repetitive
Pulsed
DC
100ms
10ms
1ms
0.01
10
1
0.1
10
100
1000
COLLECTOR CURRENT : IC (A)
Fig.2 Switching Time
Ta
=25°C
VCC
=25V
IC / IB
=10 / 1
Tstg
Tf
Ton
0.001
10
1
0.1
0.01
1
10
100
1000
COLLECTOR CURRENT : IC (A)
Fig.3 DC Current Gain vs.
Collector Current (
Ι)
Ta
=100°C
Ta
=25°C
Ta
= −40°C
VCE
=2V
0.001
10
1
0.1
0.01
1
10
100
1000
COLLECTOR CURRENT : IC (A)
Fig.4 DC Current Gain vs.
Collector Current (
ΙΙ)
Ta
=25°C
VCE
=5V
VCE
=3V
VCE
=2V
0.001
10
1
0.1
0.01
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
IC / IB
=10 / 1
Fig.5 Collector-Emitter Saturation
Voltage vs. Collector Current (
Ι)
Ta
=100°C
Ta
=25°C
Ta
= −40°C
0.001
10
1
0.1
0.01
0.01
0.1
1
10
COLLECTOR CURRENT : IC (A)
Ta
=25°C
IC / IB
=20 / 1
IC / IB
=10 / 1
Fig.6 Collector-Emitter Saturation
Voltage vs. Collector Current (
ΙΙ)


Similar Part No. - 2SC5874S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5873S ROHM-2SC5873S Datasheet
78Kb / 4P
   Medium power transistor (30V, 0.5A)
2SC5875 ROHM-2SC5875 Datasheet
98Kb / 4P
   Power transistor (30V, 2A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876 Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
More results

Similar Description - 2SC5874S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5730 ROHM-2SC5730 Datasheet
57Kb / 4P
   Medium power transistor (30V, 1.0A)
2SA2048 ROHM-2SA2048 Datasheet
44Kb / 4P
   Medium power transistor (-30V, -1.0A)
2SA2048K ROHM-2SA2048K Datasheet
43Kb / 4P
   Medium power transistor (-30V, -1.0A)
2SAR293P ROHM-2SAR293P_13 Datasheet
428Kb / 8P
   PNP -1.0A -30V Middle Power Transistor
2SA2086S ROHM-2SA2086S Datasheet
96Kb / 4P
   Medium power transistor (-30V, -1A)
2SC5729 ROHM-2SC5729 Datasheet
79Kb / 4P
   Medium power transistor (30V, 0.5A)
2SC5730K ROHM-2SC5730K Datasheet
59Kb / 4P
   Medium power transistor (30V, 1A)
2SA2047 ROHM-2SA2047 Datasheet
43Kb / 4P
   MEDIUM POWER TRANSISTOR (-30V,-0.5A)
2SC5916 ROHM-2SC5916 Datasheet
45Kb / 4P
   Medium power transistor (30V, 2A)
2SA2113 ROHM-2SA2113 Datasheet
44Kb / 4P
   Medium power transistor (-30V, -2A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com