Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5868 Datasheet(PDF) 1 Page - Rohm

Part # 2SC5868
Description  Medium power transistor (60V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC5868 Datasheet(HTML) 1 Page - Rohm

  2SC5868 Datasheet HTML 1Page - Rohm 2SC5868 Datasheet HTML 2Page - Rohm 2SC5868 Datasheet HTML 3Page - Rohm 2SC5868 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5868
Transistors
1/3
Medium power transistor (60V, 0.5A)
2SC5868
Features
1) High speed switching.
(Tf : Typ. : 80ns at IC = 500mA)
2) Low saturation voltage, typically
(Typ. : 75mV at IC = 100mA, IB = 10mA)
3) Strong discharge power for inductive load and
capacitance load.
4) Complements the 2SA2090
Applications
Small signal low frequency amplifier
High speed switching
External dimensions (Unit : mm)
Abbreviated symbol : VS
(1) Base
(2) Emitter
(3) Collector
TSMT3
2.8
1.6
0.3
0.6
Each lead has same dimensions
Structure
NPN Silicon epitaxial planar transistor
Packaging specifications
Taping
2SC5868
Type
TL
3000
Package
Basic ordering unit (pieces)
Code
Absolute maximum ratings (Ta=25
°C)
Parameter
V
V
V
A
A
mW
°C
°C
Symbol
VCBO
VCEO
VEBO
IC
ICP
PC
Tj
Tstg
Limits
Unit
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
DC
Pulsed
60
60
6
0.5
1.0
500
150
−55 to 150
∗1
∗2
∗1 Pw=10ms
∗2 Each terminal mounted on a recommended land


Similar Part No. - 2SC5868

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5868 ROHM-2SC5868 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
More results

Similar Description - 2SC5868

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC5868 ROHM-2SC5868_11 Datasheet
935Kb / 4P
   Medium power transistor (60V, 0.5A)
2SC5876 ROHM-2SC5876_11 Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088 ROHM-2SA2088_11 Datasheet
934Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2090 ROHM-2SA2090_11 Datasheet
942Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SA2088 ROHM-2SA2088 Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876_1 Datasheet
68Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2088U3 ROHM-2SA2088U3 Datasheet
1Mb / 10P
   Medium power transistor (-60V, -0.5A)
2SC5876T106R ROHM-2SC5876T106R Datasheet
934Kb / 4P
   Medium power transistor (60V, 0.5A)
2SA2089S ROHM-2SA2089S Datasheet
97Kb / 4P
   Medium power transistor (-60V, -0.5A)
2SC5876 ROHM-2SC5876 Datasheet
44Kb / 4P
   Medium power transistor (60V, 0.5A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL