Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP2000LP Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # HDSP2000LP
Description  0.150 4-Character 5 x 7 Dot Matrix Serial Input Alphanumeric Display
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HDSP2000LP Datasheet(HTML) 5 Page - Infineon Technologies AG

  HDSP2000LP Datasheet HTML 1Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 2Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 3Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 4Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 5Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 6Page - Infineon Technologies AG HDSP2000LP Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
 2000 Infineon Technologies Corp. • Optoelectronics Division • San Jose, CA
HDSP200LP/1LP/2LP/3LP
www.infineon.com/opto • 1-888-Infineon (1-888-463-4636)
OSRAM Opto Semiconductors GmbH & Co. OHG • Regensburg, Germany
www.osram-os.com • +49-941-202-7178
5
April 4, 2000-11
Figure 4. Block Diagram
Contrast Enhancement Filters
Note:
1. Optically coated circular polarized filters, such as Polaroid HNCP10.
*Polaroid Corp.
**Marks Polarized Corp.
1 Upland Rd., Bldg. #2
25-B Jefryn Blvd. W
Norwood, MA 02062
Deer Park, NY 11729
800/225-2770
516/242-1300
FAX 516/242-1347
Marks Polarized Corp. manufactures
to MIL-1-45208 inspection system.
General Quality Assurance Levels
Generic data available.
Display Color
Ambient Lighting
Dim
Moderate
Bright
Red
HDSP2000LP
Panelgraphic Dark Red 63
Panelgraphic Ruby Red 60
Chequers Red 118
Plexiglass 2423
Polaroid HNCP37
3M Light Control Film
Panelgraphic Gray 10
Chequers Gray 105
Yellow
HDSP2001LP
Panelgraphic Yellow 27
Polaroid HNCP 10-Glass*
Marks Polarized MPC 30-25C**
HER
HDSP2002LP
Panelgraphic Ruby Red 60
Chequers Red 112
Note 1
Polaroid HNCP 10-Glass*
Marks Polarized MPC 20-15C**
Green
HDSP20013P
Panelgraphic Green 48
Chequers Green 107
Polaroid HNCP 10-Glass*
Marks Polarized MPC 50-12C**
1 2 3 4 5 6 7
Rows 8-14
Rows 15-21
Rows 22-28
28-Bit SIPO Shift Register
1 2 3 4 5 6 7
Rows 1-7
Rows 1-7
Rows 1-7
Constant Current Sinking LED Drivers
Blanking
Control, VB
Column Drive Inputs
Column
1 2 3 4 5
LED
Matrix
2
LED
Matrix
3
LED
Matrix
4
Serial
Data
Input
Clock
Serial
Data
Output
Rows


Similar Part No. - HDSP2000LP

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP2000 HP-HDSP2000 Datasheet
491Kb / 5P
   FOUR CHARACTER 3.8 mm (0.15 INCH) 5 x 7 ALPHANUMERIC DISPLAYS
More results

Similar Description - HDSP2000LP

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
logo
Siemens Semiconductor G...
DLR1414 SIEMENS-DLR1414 Datasheet
201Kb / 5P
   145 4-character 5 x 7 Dot Matrix Alphanumeric Intelligent Display with Memory/Decoder/Driver
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
logo
OSRAM GmbH
PD2435 OSRAM-PD2435 Datasheet
212Kb / 11P
   4-Character 5 x 7 Dot Matrix Alphanumeric Programmable Display??with Built-in CMOS Control Functions
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
HDSP2111S SIEMENS-HDSP2111S Datasheet
300Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
Agilent(Hewlett-Packard...
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com