Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTXV1N5528C-1 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # JANTXV1N5528C-1
Description  LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JANTXV1N5528C-1 Datasheet(HTML) 2 Page - Microsemi Corporation

  JANTXV1N5528C-1 Datasheet HTML 1Page - Microsemi Corporation JANTXV1N5528C-1 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
144
CDLL5518 thru CDLL5546D
.1
.2
.5
1
2
5
10
20
50
100
OPERATING CURRENT IZT (mA)
FIGURE 3
ZENER IMPEDANCE VS. OPERATING CURRENT
1000
500
400
300
200
100
50
40
30
20
10
5
4
3
2
1
28 VOLT
6.8 VOLT
11 VOLT
0
25
50
75
100
125
150
175
TEC , End cap temperature (C°)
POWER DERATING CURVE
500
400
300
200
100
0
FIGURE 2


Similar Part No. - JANTXV1N5528C-1

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANTXV1N5532B MICROSEMI-JANTXV1N5532B Datasheet
83Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-7
JANTXV1N5550 MICROSEMI-JANTXV1N5550 Datasheet
78Kb / 2P
   RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
JANTXV1N5551 MICROSEMI-JANTXV1N5551 Datasheet
78Kb / 2P
   RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
JANTXV1N5552 MICROSEMI-JANTXV1N5552 Datasheet
78Kb / 2P
   RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
JANTXV1N5553 MICROSEMI-JANTXV1N5553 Datasheet
78Kb / 2P
   RECTIFIERS MILITARY APPROVED, 5 AMP, GENERAL PURPOSE
More results

Similar Description - JANTXV1N5528C-1

ManufacturerPart #DatasheetDescription
logo
Rohm
RLZTE-1113B ROHM-RLZTE-1113B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1118C ROHM-RLZTE-1118C Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1122B ROHM-RLZTE-1122B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1113A ROHM-RLZTE-1113A Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1110B ROHM-RLZTE-1110B Datasheet
820Kb / 4P
   500MW Zener Leadless Diode
RLZTE-1115A ROHM-RLZTE-1115A Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1127D ROHM-RLZTE-1127D Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1136B ROHM-RLZTE-1136B Datasheet
820Kb / 4P
   500mW Zener LeadLess Diode
RLZTE-1122D ROHM-RLZTE-1122D Datasheet
820Kb / 4P
   500mW Zener Leadless Diode RLZ Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com