Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MK48Z08B-10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # MK48Z08B-10
Description  CMOS 8K x 8 ZEROPOWER SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK48Z08B-10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button MK48Z08B-10 Datasheet HTML 4Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 5Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 6Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 7Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 8Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 9Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 10Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 11Page - STMicroelectronics MK48Z08B-10 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image


Similar Part No. - MK48Z08B-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK48Z02 STMICROELECTRONICS-MK48Z02 Datasheet
556Kb / 11P
   CMOS 2K x 8 XEROPOWER SRAM
MK48Z02B12 STMICROELECTRONICS-MK48Z02B12 Datasheet
556Kb / 11P
   CMOS 2K x 8 XEROPOWER SRAM
MK48Z02B15 STMICROELECTRONICS-MK48Z02B15 Datasheet
556Kb / 11P
   CMOS 2K x 8 XEROPOWER SRAM
MK48Z02B20 STMICROELECTRONICS-MK48Z02B20 Datasheet
556Kb / 11P
   CMOS 2K x 8 XEROPOWER SRAM
MK48Z02B25 STMICROELECTRONICS-MK48Z02B25 Datasheet
556Kb / 11P
   CMOS 2K x 8 XEROPOWER SRAM
More results

Similar Description - MK48Z08B-10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z09 STMICROELECTRONICS-M48Z09 Datasheet
122Kb / 13P
   CMOS 8K x 8 ZEROPOWER SRAM
M48Z30 STMICROELECTRONICS-M48Z30 Datasheet
100Kb / 12P
   CMOS 32K x 8 ZEROPOWER SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
   8K x 8 CMOS SRAM
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
   8K X 8 CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
   5V 8K X 8 CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
STMicroelectronics
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
   CMOS 8K x 8 TIMEKEEPER SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com