Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDV-2.5-200 Datasheet(PDF) 2 Page - Nuvotem Talema

Part # SDV-2.5-200
Description  SD Series High Efficiency Storage Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

SDV-2.5-200 Datasheet(HTML) 2 Page - Nuvotem Talema

  SDV-2.5-200 Datasheet HTML 1Page - Nuvotem Talema SDV-2.5-200 Datasheet HTML 2Page - Nuvotem Talema SDV-2.5-200 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
The Talema engineering staff can asist in the design of other inductance values and sizes including pre-designed cable lug models to 63 Amps.
1) The µJoule rating (½LI²) is the ability of the inductor to store energy.
2) Schematic:
1
= one winding
2P = two windings, Parallel Connection
2R = two windings, Series Connection.
3) Inductance measured at 0.10 Vrms @ 10kHz without DC Current and 0.25 Vrms @ 10kHz with DC Current.
4) On larger units and units wound with fine wire, additional mechanical mounting is recommended. See next page for Mounting Styles.
Electrical Specifications at 25°C
SD Series • High Efficiency Storage Chokes
Ordering Key
Inductance Value in µH
Current Rating (Amps)
Mounting Style - Specify the appropriate suffix
O = Open Mount
V = Vertical Encapsulated
F = Flat Encapsulated
Basic Series Designation
SD
V
-
0,63
-
500 µH
r
e
b
m
u
N
t
r
a
P
I
C
D
s
p
m
A
.
p
y
T
)
H
µ
(
L
d
e
t
a
R
@
t
n
e
r
r
u
C
L
O
)
H
µ
(
%
5
1
±
d
a
o
L
o
N
R
C
D
s
m
h
O
m
l
a
c
i
p
y
T
y
g
r
e
n
E
e
g
a
r
o
t
S
)
J
µ
(
1
c
i
t
a
m
e
h
c
S
2
e
z
i
S
l
i
o
C
.
t
H
x
.
D
.
O
)
b
x
a
(
g
n
i
s
u
o
H
e
d
o
C
e
z
i
S
e
l
y
t
S
g
n
i
t
n
u
o
M
e
l
y
t
S
g
n
i
t
n
u
o
Md
Ø
s
l
a
n
i
m
r
e
T
OF
V
F
V
O
F
V
7
4
-
0
.
4
-
_
_
D
S
0
.
4
7
45
65
56
7
3
111
9
x
0
22
25
20
0
5
.
00
0
8
.
00
0
8
.
0
0
0
1
-
0
.
4
-
_
_
D
S0
0
14
4
18
60
0
8
111
0
1
x
5
29
20
30
0
6
.
00
0
8
.
00
0
8
.
0
0
6
1
-
0
.
4
-
_
_
D
S0
6
10
4
20
40
8
2
1
111
2
1
x
6
29
20
30
0
9
.
00
0
0
.
10
0
9
.
0
0
5
2
-
0
.
4
-
_
_
D
S0
5
25
4
30
50
0
0
2
111
5
1
x
0
32
45
40
5
9
.
00
0
0
.
10
0
0
.
1
7
4
-
0
.
5
-
_
_
D
S
0
.
5
7
40
64
48
8
5
111
0
1
x
5
29
20
30
0
6
.
00
0
8
.
00
0
8
.
0
3
6
-
0
.
5
-
_
_
D
S3
61
93
47
9
7
111
0
1
x
5
29
20
30
7
6
.
00
0
8
.
00
0
8
.
0
0
0
1
-
0
.
5
-
_
_
D
S0
0
15
6
17
20
5
2
1P
2P
2P
22
1
x
6
29
20
30
5
7
.
00
5
7
.
00
5
7
.
0
0
5
2
-
0
.
5
-
_
_
D
S0
5
27
5
30
45
2
1
3R
21
1
6
1
x
9
32
45
40
8
1
.
10
8
1
.
10
8
1
.
1
7
4
-
3
.
6
-
_
_
D
S
3
.
6
7
46
74
46
4
9
111
1
1
x
6
29
20
30
0
0
.
10
0
0
.
10
0
0
.
1
3
6
-
3
.
6
-
_
_
D
S3
60
2
17
10
5
2
1
111
2
1
x
6
2A
9
20
30
8
1
.
10
8
1
,
10
8
1
.
1
0
0
1
-
3
.
6
-
_
_
D
S0
0
10
6
18
20
1
0
2
111
3
1
x
9
22
35
30
7
6
.
00
0
8
.
00
0
8
.
0
0
0
2
-
3
.
6
-
_
_
D
S0
0
26
6
24
49
6
9
3P
2P
2P
27
1
x
8
32
40
40
5
8
.
00
5
8
.
00
5
8
.
0
7
4
-
0
.
8
-
_
_
D
S
0
.
8
7
43
63
47
0
5
1
111
3
1
x
9
22
35
30
7
6
.
00
0
8
.
00
0
8
.
0
3
6
-
0
.
8
-
_
_
D
S3
65
92
16
1
0
2P
2P
21
5
1
x
0
32
35
30
5
9
.
00
5
9
.
00
5
9
.
0
THE TALEMA GROUP
World Wide Toroidal Specialists
(07-03) SD Series
Sales & Marketing, Design and Manufacturing Facilities
http://www.talema-Nuvotem.com
Ireland
NUVOTEM TEO.
Crolly
Co. Donegal
Tel: Int. + 353 74 - 954 8666
Fax: Int. + 353 74 - 954 8139
Email: info@nuvotem.com
Germany
TALEMA ELEKTRONIK GMBH
Sembdnerstr. 5, Postfach 2523
82110 Germering
Tel: Int. + 49 89 - 841 00 - 0
Fax: Int. + 49 89 - 841 00 25
Email: info@talema..de
India
TALEMA ELECTRONIC PVT. LTD.
Opposite the SIDCO Industrial Estate
Gins Towers
4/5S.H/1, Omalur Main Road
Salem - 636 004, Tamil Nadu
Tel: Int. + 91 427 - 244 1325
Fax: Int. + 91 427 - 243 0034
E-mail: talema@talemaindia.com
Eastern Europe &
Czech Republic
NT MAGNETICS s.r.o.
Chebská 27
322 00 Plzeñ
Tel: Int. + 420 37 - 744 9303
Fax: Int. + 420 37 - 744 3697
Email: talema@talema.cz


Similar Part No. - SDV-2.5-200

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDV-2.5-200 TALEMA-SDV-2.5-200 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
More results

Similar Description - SDV-2.5-200

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDV-0.63-500 TALEMA-SDV-0.63-500 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
logo
PREMO CORPORATION S.L
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
logo
Schneider Electric
HMIYSD064C1 SCHNEIDER-HMIYSD064C1 Datasheet
99Kb / 1P
   SD card, Harmony iPC, storage industrial grade 64 GB for HMIBSC
May 6, 2022
HMIYSD016C1 SCHNEIDER-HMIYSD016C1 Datasheet
98Kb / 1P
   SD card, Harmony iPC, storage industrial grade 16 GB for HMIBSC
May 6, 2022
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com