Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDV-0.63-2000 Datasheet(PDF) 3 Page - Nuvotem Talema

Part # SDV-0.63-2000
Description  SD Series High Efficiency Storage Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [Nuvotem Talema]
Direct Link  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

SDV-0.63-2000 Datasheet(HTML) 3 Page - Nuvotem Talema

  SDV-0.63-2000 Datasheet HTML 1Page - Nuvotem Talema SDV-0.63-2000 Datasheet HTML 2Page - Nuvotem Talema SDV-0.63-2000 Datasheet HTML 3Page - Nuvotem Talema  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Size 25
25 x 12.5 x 26.7
Size 30
30 x 15.0 x 31.7
Size 35
35 x 17.5 x 36.7
Size 40
40 x 20.0 x 41.7
Size 45
45 x 22.5 x 46.7
Dimensions
X x Y x Z
Schematic
1
2
Mounting Style V
Mounting Style F
Schematic
Size 17
1
2
Size 32
Size 29
29A
Size 22
17.5
Size 42
Size 49
Size 20
20 x 10.0 x 21.7
8
Mounting Style ' O' = Open Mount
Mounting Styles • SD Series • High Efficiency Storage Chokes
40
20
17.5
9
10
2
18
15
35
17.5
8
9
2
16
12.5
30
15
7
8
2
14
10
25
12.5
6
7
2
12
7.5
10
20
5
6
2
10
15
5
7.5
4
5
2
8
4.5
Z
X
Y
11
5
15.0
12.5
15
8
1
1
8
1
22.5
20
20
22.5
7
1
13.5
5
13.5
5
1
5
20
15
27.5
32
32
27.5
7.5
5
8
9
4
1
5
4.3
4
20
1
Ø8
12
13
5
1
37.5
20
10
7.5
37.5
42.5
42.5
30
M4
Ø8
6
1
5
40
40
49
27.5
7.5
5
7
10
3
2
49
8
1
5
1
6
10
2P
1
12
7
6
7
2
12
8
7
8
14
2
14
2P
• •
1
16
2
16
9
8
9
2P
1
18
2
18
10
9
10
1
2P
• •
1
13
5
12
2
5
1
1
• •
1
9
4
8
2
1
4
1
• •
5
2
8
1
2
1
8
5
7
3
10
2
2
1
1
7
Tolerance oniPin Length: ±0.3mm
b
9.5 min.
a
16.0
5
Germany: Int.+49 89 - 841 00 - 0 • Ireland: Int.+35 374 - 954 8666 • Czech Rep: Int.+420 37 - 744 9303 • India: Int.+91 427 - 244 1325
http://www.talema-nuvotem.com
1
10
7
20
25
29.5
22.5
29
5
8
2
1


Similar Part No. - SDV-0.63-2000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDV-0.63-2000 TALEMA-SDV-0.63-2000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
More results

Similar Description - SDV-0.63-2000

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDV-0.63-500 TALEMA-SDV-0.63-500 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
logo
PREMO CORPORATION S.L
AIC-2P-300-12 PREMO-AIC-2P-300-12 Datasheet
431Kb / 4P
   High Energy Storage Chokes for inverter Applications
M65-400-16 PREMO-M65-400-16 Datasheet
492Kb / 5P
   High Energy Storage Chokes for Inverter Applications
M80-1-10 PREMO-M80-1-10 Datasheet
1,009Kb / 7P
   High Energy Storage Chokes for Inverter Applications
logo
Nuvotem Talema
DJ-500 TALEMA-DJ-500 Datasheet
116Kb / 2P
   Low Cost Linear Storage Chokes
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505 MPS-MP5505 Datasheet
805Kb / 15P
   7V, 4A, High-Efficiency Energy Storage and Management Unit
logo
Schneider Electric
HMIYSD064C1 SCHNEIDER-HMIYSD064C1 Datasheet
99Kb / 1P
   SD card, Harmony iPC, storage industrial grade 64 GB for HMIBSC
May 6, 2022
HMIYSD016C1 SCHNEIDER-HMIYSD016C1 Datasheet
98Kb / 1P
   SD card, Harmony iPC, storage industrial grade 16 GB for HMIBSC
May 6, 2022
logo
Monolithic Power System...
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
   18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com