Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V24B48E24BS2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # V24B48E24BS2
Description  FasTrak Micro E-Grade Family DC-DC Converter Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V24B48E24BS2 Datasheet(HTML) 5 Page - Vicor Corporation

  V24B48E24BS2 Datasheet HTML 1Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 2Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 3Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 4Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 5Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 6Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 7Page - Vicor Corporation V24B48E24BS2 Datasheet HTML 8Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FasTrak Mini E-Grade Family
Rev. 1.0
Page 5 of 8
Set your site on VICOR at www.vicorpower.com
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figures 7 and 8.
CONTROL FUNCTIONS - SC PIN
Figure 8—Output voltage trim up circuit.
Figure 7—Output voltage trim down circuit.
RD (ohms) =
1,000 Vout
Vnom - Vout
RU
Trim Up
Load
Error
Amp
1k
Ω
1.23V
0.033
μF
+Out
SC
–Out
Load
RD
Trim Down
Error
Amp
1k
Ω
1.23V
0.033
μF
+Out
SC
–Out
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected to the –Out pin.
Trim Up
1. The converter is rated for a maximum delivered power. To ensure
that maximum rated power is not exceeded, reduce maximum
output current by the same percentage increase in output voltage.
2. The trim up resistor must be connected to the +Out pin.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage protection
circuitry may be activated.
RU (ohms) =
1,000 (Vout-1.23) Vnom
–1,000
1.23 (Vout-Vnom)
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available
on the vicor website at: vicorpower.com/tools.html.
Resistor values can be calculated for fixed trim up, fixed
trim down and for variable trim up or down cases for both
1st and 2nd Generation DC-DC converters.
In addition to trimming information, the web site and the
Applications Manual also include design tips, applications
circuits, EMC suggestions, thermal design guidelines and
PDF data sheets for all available Vicor products.


Similar Part No. - V24B48E24BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24B48E24BS2 VICOR-V24B48E24BS2 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
More results

Similar Description - V24B48E24BS2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24A2E24BL1 VICOR-V24A2E24BL1 Datasheet
265Kb / 8P
   FasTrak Maxi E-Grade Family DC-DC Converter
V24B5E24BL1 VICOR-V24B5E24BL1 Datasheet
234Kb / 8P
   FasTrak Mini E-Grade Family
V72C15C150BL VICOR-V72C15C150BL Datasheet
517Kb / 11P
   72V Input Micro Family DC-DC Converter Module
V48C24C150A VICOR-V48C24C150A Datasheet
302Kb / 8P
   48V Input Micro Family DC-DC Converter Module
V24C12T100BL2 VICOR-V24C12T100BL2 Datasheet
497Kb / 13P
   24V Input Micro Family DC-DC Converter Module
V300C12T150BL2 VICOR-V300C12T150BL2 Datasheet
507Kb / 13P
   300V Input Micro Family DC-DC Converter Module
V375C12T150BL2 VICOR-V375C12T150BL2 Datasheet
507Kb / 13P
   375V Input Micro Family DC-DC Converter Module
V48C12T150BL2 VICOR-V48C12T150BL2 Datasheet
508Kb / 13P
   48V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V110C12C100BL VICOR-V110C12C100BL Datasheet
515Kb / 11P
   110V Input Micro Family DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com