Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVM4A203B01 Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # PVM4A203B01
Description  SMD Sealed Type 4mm Size PVM4 Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVM4A203B01 Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  PVM4A203B01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVM4A203B01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVM4A203B01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVM4A203B01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVM4A203B01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVM4A203B01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
29
5
!Note • Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specification or transact the approval sheet for product specification before ordering.
Trimmer Potentiometers
SMD Sealed Type 4mm Size PVM4 Series
s Fetures
1. Available for flow and reflow soldering method
while maintaining unique sealed construction.
2. Simple construction by 3 piece parts achieve high
reliability.
3. Available for cleaning after soldering.
4. Plated termination achieve a high resistance to
solder leaching.
5. High grade version is available (PVM4AxxxB01).
s Applications
1. FDDs
2. HDDs
3. Measuring equipments
4. Encorders
5. Professional use cameras
#2
#1
#3
CLOCKWISE
#1
#2
#3
4.0
2.0
±0.2
0.7
0.75
0.55
±0.1
0.6
0.85
1.8
0.85
0.35
±0.1 Depth
1.7
3.8 Dia.
1.5 Dia.
in mm
(
Tolerance :
±0.3)
Part Number
Power Rating
(W)
Soldering Method
Number of Turns
(Effective Rotation Angle)
Total Resistance Value
TCR
(ppm/
°C)
PVM4A101A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
100ohm
±25%
±250
PVM4A201A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
200ohm
±25%
±250
PVM4A301A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
300ohm
±25%
±250
PVM4A501A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
500ohm
±25%
±250
PVM4A102A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
1k ohm
±25%
±250
PVM4A202A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
2k ohm
±25%
±250
PVM4A302A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
3k ohm
±25%
±250
PVM4A502A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
5k ohm
±25%
±250
PVM4A103A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
10k ohm
±25%
±250
PVM4A203A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
20k ohm
±25%
±250
PVM4A303A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
30k ohm
±25%
±250
PVM4A503A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
50k ohm
±25%
±250
PVM4A104A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
100k ohm
±25%
±250
PVM4A204A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
200k ohm
±25%
±250
PVM4A304A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
300k ohm
±25%
±250
PVM4A504A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
500k ohm
±25%
±250
PVM4A105A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
1M ohm
±25%
±250
PVM4A205A01
0.1(70
°C)
Flow/Reflow
1(240
°±10°)
2M ohm
±25%
±250
PVM4A101B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
100ohm
±20%
±150
PVM4A201B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
200ohm
±20%
±100
PVM4A301B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
300ohm
±20%
±100
PVM4A501B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
500ohm
±20%
±100
PVM4A102B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
1k ohm
±20%
±100
PVM4A202B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
2k ohm
±20%
±100
PVM4A302B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
3k ohm
±20%
±100
PVM4A502B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
5k ohm
±20%
±100
PVM4A103B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
10k ohm
±20%
±100
PVM4A203B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
20k ohm
±20%
±100
PVM4A303B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
30k ohm
±20%
±100
PVM4A503B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
50k ohm
±20%
±100
PVM4A104B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
100k ohm
±20%
±150
PVM4A204B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
200k ohm
±20%
±150
PVM4A304B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
300k ohm
±20%
±150
PVM4A504B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
500k ohm
±20%
±150
PVM4A105B01
0.25(70
°C)
Flow/Reflow
1(240
°±10°)
1M ohm
±20%
±150
Continued on the following page.
Please read rating and !CAUTION (for storage and operating, rating, soldering and mounting, handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specification or to transact the approval sheet for product specificaion before ordering.
!Note
R50E12.pdf 02.9.5


Similar Part No. - PVM4A203B01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVM4A203C01B00 MURATA-PVM4A203C01B00 Datasheet
199Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVM4A203C01B00 MURATA1-PVM4A203C01B00 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
PVM4A203C01B00 MURATA1-PVM4A203C01B00_V01 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
logo
Murata Manufacturing Co...
PVM4A203C01R00 MURATA-PVM4A203C01R00 Datasheet
200Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVM4A203C01R00 MURATA1-PVM4A203C01R00 Datasheet
246Kb / 3P
   Sealed construction protects the interior from dust and liquid, which achieves stable performance.
09/05/2022
More results

Similar Description - PVM4A203B01

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
DC0000110 ERNI-DC0000110 Datasheet
74Kb / 1P
   Federleiste SMD. Powerm. 4mm Female Con, SMD, Powerm. 4mm
logo
Bourns Electronic Solut...
PVG3 BOURNS-PVG3 Datasheet
259Kb / 3P
   SMD Sealed Type Single-Turn PVG3 Series
PVF2A204A1AR03 BOURNS-PVF2A204A1AR03 Datasheet
335Kb / 2P
   SMD Sealed Type Single-Turn PVF2 Series
logo
Ningbo Foryard Optoelec...
FYL-4012UGC1B FORYARD-FYL-4012UGC1B Datasheet
278Kb / 5P
   4mm round type
logo
ERNI Electronics
100301590001 ERNI-100301590001 Datasheet
83Kb / 1P
   Federleiste SMD, Powerm. 4mm
214356 ERNI-214356 Datasheet
74Kb / 1P
   Federleiste SMD, Powerm. 4mm
100302650001 ERNI-100302650001 Datasheet
83Kb / 1P
   Federleiste SMD, Powerm. 4mm
logo
Ningbo Foryard Optoelec...
FYL-4012GD1B FORYARD-FYL-4012GD1B Datasheet
277Kb / 5P
   4mm round type led
FYL-4012YD1B FORYARD-FYL-4012YD1B Datasheet
276Kb / 5P
   4mm round type led
FYL-4012HD1B FORYARD-FYL-4012HD1B Datasheet
275Kb / 5P
   4mm round type led
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com