Electronic Components Datasheet Search |
|
UPD30181AF1-131-GA3 Datasheet(PDF) 3 Page - NEC |
|
UPD30181AF1-131-GA3 Datasheet(HTML) 3 Page - NEC |
3 / 72 page Data Sheet U16277EJ1V0DS 3 µµµµPD30181A, 30181AY (1/3) No. Power Supply Name No. Power Supply Name A1 3.3 V D6 C5 3.3 V D26 A2 3.3 V D5 C6 3.3 V D24 A3 3.3 V D3 C7 3.3 V D23 A4 3.3 V D1 C8 3.3 V D22 A5 3.3 V D8 C9 3.3 V D20 A6 3.3 V D10 C10 3.3 V D18 A7 3.3 V D12 C11 3.3 V UHDP A8 3.3 V D14 C12 3.3 V UOC A9 3.3 V D16 C13 3.3 V NMI# A10 3.3 V D17 C14 3.3 V DQM2/LBE2# A11 3.3 V UDP C15 3.3 V PCS0# A12 3.3 V CLK48 C16 3.3 V SYSEN# A13 3.3 V SDCS2# C17 3.3 V IORDY A14 3.3 V SDCS3# C18 3.3 V UBE# A15 3.3 V MEMWR# D1 3.3 V CAS# A16 3.3 V PCS4# D2 3.3 V RAS# A17 3.3 V PCS1# D3 3.3 V D29 A18 3.3 V IORD# D4 2.5 V VDD2 B1 3.3 V D7 D5 3.3 V D25 B2 3.3 V DQM1/LBE1# D6 2.5 V GND2 B3 3.3 V D4 D7 2.5 V VDD2 B4 3.3 V D2 D8 3.3 V D21 B5 3.3 V D0 D9 3.3 V D19 B6 3.3 V D9 D10 3.3 V GNDU B7 3.3 V D11 D11 3.3 V VDDU B8 3.3 V D13 D12 3.3 V GND3 B9 3.3 V D15 D13 3.3 V VDD3 B10 3.3 V UDN D14 2.5 V GND2 B11 3.3 V UHDN D15 3.3 V MEMRD# B12 3.3 V UPON D16 3.3 V PWM1/KSCAN6/GPIO9 B13 3.3 V DQM3/LBE3# D17 3.3 V IOCS16# B14 3.3 V PCS3# D18 3.3 V PWM0/KSCAN7/GPIO8 B15 3.3 V ROMCS# E1 3.3 V SDCLK B16 3.3 V PCS2# E2 3.3 V SDCS1# B17 3.3 V SYSDIR E3 3.3 V D30 B18 3.3 V IOWR# E4 3.3 V VDD3 C1 3.3 V DQM0/LBE0# E8 3.3 V VDD3 C2 3.3 V WE# E9 3.3 V GND3 C3 3.3 V D28 E10 2.5 V GND2 C4 3.3 V D27 E11 2.5 V VDD2 Remark # indicates active low. |
Similar Part No. - UPD30181AF1-131-GA3 |
|
Similar Description - UPD30181AF1-131-GA3 |