Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LS228 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LS228
Description  16 x 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH OPEN-COLLECTOR OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS228 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LS228 Datasheet HTML 2Page - Texas Instruments SN74LS228 Datasheet HTML 3Page - Texas Instruments SN74LS228 Datasheet HTML 4Page - Texas Instruments SN74LS228 Datasheet HTML 5Page - Texas Instruments SN74LS228 Datasheet HTML 6Page - Texas Instruments SN74LS228 Datasheet HTML 7Page - Texas Instruments SN74LS228 Datasheet HTML 8Page - Texas Instruments SN74LS228 Datasheet HTML 9Page - Texas Instruments SN74LS228 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74LS228
16
× 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
WITH OPEN-COLLECTOR OUTPUTS
SDLS024 – JANUARY 1991 – REVISED SEPTEMBER 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
10–6
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VIH
High-level input voltage
2
V
VIL
Low-level input voltage
0.8
V
VOH
High-level output voltage
Q outputs
5.5
V
IOH
High-level output current
IR, OR
– 0.4
mA
IOL
Low level output current
Q outputs
24
mA
IOL
Low-level output current
IR, OR
8
mA
LDCK high
60
LDCK low
15
tw
Pulse duration
UNCK low
30
ns
UNCK high
30
CLR low
20
Data to LDCK
50
tsu
Setup time
LDCK
↓ before UNCK↓
50
ns
UNCK
↑ before LDCK↑
50
th
Hold time
Data from LDCK
0
ns
TA
Operating free-air temperature
0
70
°C
NOTE 2: To ensure proper operation of this high-speed FIFO device, it is necessary to provide a clean signal to the LDCK and UNCK clock inputs.
Any excessive noise or glitching on the clock inputs that violates the VIL, VIH, or minimum pulse duration limits can cause a false clock
or improper operation of the internal read and write pointers.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.75 V,
II = – 18 mA
– 1.5
V
IOH
Q outputs
VCC = 4.75 V,
VOH = 5.5 V
0.1
mA
VOH
IR, OR
VCC = 4.75 V,
IOH = – 0.4 mA
2.7
3.4
V
Q outputs
VCC = 4 75 V
IOL = 12 mA
0.25
0.4
VOL
Q outputs
VCC = 4.75 V
IOL = 24 mA
0.35
0.5
V
VOL
IR OR
VCC = 4 75 V
IOL = 4 mA
0.25
0.4
V
IR, OR
VCC = 4.75 V
IOL = 8 mA
0.35
0.5
IOZH
Q outputs
VCC = 5.25 V,
VO = 2.7 V
20
µA
IOZL
Q outputs
VCC = 5.25 V,
VO = 0.4 V
–20
µA
II
VCC = 5.25 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.25 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.25 V,
VI = 0.4 V
– 0.4
mA
IOS‡
IR, OR
VCC = 5.25 V
–20
– 100
mA
Outputs high
84
135
ICC
VCC = 5.25 V
Outputs low
87
155
mA
Outputs disabled
89
155
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Not more than one output should be shorted at a time, and duration of the short circuit should not exceed one second.


Similar Part No. - SN74LS228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS22 TI-SN74LS22 Datasheet
246Kb / 7P
[Old version datasheet]   DUAL 4 INPUT POSITIVE NAND GATES WITH OPEN COLLECTOR OUTPUTS
logo
ON Semiconductor
SN74LS221 ONSEMI-SN74LS221 Datasheet
120Kb / 8P
   LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
SN74LS221 TI-SN74LS221 Datasheet
208Kb / 23P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
761Kb / 25P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATORS WITH SCHMITT-TRIGGER INPUTS
SN74LS221 TI-SN74LS221 Datasheet
902Kb / 26P
[Old version datasheet]   DUAL MONOSTABLE MULTIVIBRATPORS WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN74LS228

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS222A TI1-SN54LS222A Datasheet
252Kb / 12P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74LS224A TI-SN74LS224A Datasheet
135Kb / 9P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74ALS234 TI1-SN74ALS234 Datasheet
206Kb / 11P
[Old version datasheet]   64 X 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALS232B TI-SN74ALS232B Datasheet
124Kb / 8P
[Old version datasheet]   16 횞 4 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74ACT2708 FAIRCHILD-74ACT2708 Datasheet
95Kb / 13P
   64 x 9 First-In, First-Out Memory
logo
Texas Instruments
SN74S225 TI1-SN74S225_06 Datasheet
308Kb / 13P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
SN74S225 TI-SN74S225 Datasheet
145Kb / 10P
[Old version datasheet]   16 횞 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com