Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP564U72P8-E3 Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HYMP564U72P8-E3
Description  240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP564U72P8-E3 Datasheet(HTML) 4 Page - Hynix Semiconductor

  HYMP564U72P8-E3 Datasheet HTML 1Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 2Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 3Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 4Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP564U72P8-E3 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Rev. 1.0 / Apr. 2005
4
1240pin DDR2 SDRAM Unbuffered DIMMs
PIN ASSIGNMENT
Notes :
1. The TEST pin is reserved for bus analysis tools and is not connected on standard memory module products(DIMMs).
2. NC Pins should not be connected to anything, including bussing within the NC group.
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
Pin
Name
1
VREF
41
VSS
81
DQ33
121
VSS
161
NC(CB4)*
201
VSS
2
VSS
42
NC(CB0)*
82
VSS
122
DQ4
162
NC(CB5)*
202
DM4
3
DQ0
43
NC(CB1)*
83
DQS4
123
DQ5
163
VSS
203
NC
4
DQ1
44
VSS
84
DQS4
124
VSS
164
NC(DM8)*
204
VSS
5VSS
45
NC(DQS8)*
85
VSS
125
DM0
165
NC
205
DQ38
6DQS0
46
NC(DQS8)*
86
DQ34
126
NC
166
VSS
206
DQ39
7
DQS0
47
VSS
87
DQ35
127
VSS
167
NC(CB6)*
207
VSS
8
VSS
48
NC(CB2)*
88
VSS
128
DQ6
168
NC(CB7)*
208
DQ44
9
DQ2
49
NC(CB3)*
89
DQ40
129
DQ7
169
VSS
209
DQ45
10
DQ3
50
VSS
90
DQ41
130
VSS
170
VDDQ
210
VSS
11
VSS
51
VDDQ
91
VSS
131
DQ12
171
CKE1
211
DM5
12
DQ8
52
CKE0
92
DQS5
132
DQ13
172
VDD
212
NC
13
DQ9
53
VDD
93
DQS5
133
VSS
173
A15
213
VSS
14
VSS
54
BA2
94
VSS
134
DM1
174
A14
214
DQ46
15
DQS1
55
NC
95
DQ42
135
NC
175
VDDQ
215
DQ47
16
DQS1
56
VDDQ
96
DQ43
136
VSS
176
A12
216
VSS
17
VSS
57
A11
97
VSS
137
CK1
177
A9
217
DQ52
18
NC
58
A7
98
DQ48
138
CK1
178
VDD
218
DQ53
19
NC
59
VDD
99
DQ49
139
VSS
179
A8
219
VSS
20
VSS
60
A5
100
VSS
140
DQ14
180
A6
220
CK2
21
DQ10
61
A4
101
SA2
141
DQ15
181
VDDQ
221
CK2
22
DQ11
62
VDDQ
102
NC,TEST1
142
VSS
182
A3
222
VSS
23
VSS
63
A2
103
VSS
143
DQ20
183
A1
223
DM6
24
DQ16
64
VDD
104
DQS6
144
DQ21
184
VDD
224
NC
25
DQ17
65
VSS
105
DQS6
145
VSS
185
CK0
225
VSS
26
VSS
66
VSS
106
VSS
146
DM2
186
CK0
226
DQ54
27
DQS2
67
VDD
107
DQ50
147
NC
187
VDD
227
DQ55
28
DQS2
68
NC
108
DQ51
148
VSS
188
A0
228
VSS
29
VSS
69
VDD
109
VSS
149
DQ22
189
VDD
229
DQ60
30
DQ18
70
A10/AP
110
DQ56
150
DQ23
190
BA1
230
DQ61
31
DQ19
71
BA0
111
DQ57
151
VSS
191
VDDQ
231
VSS
32
VSS
72
VDDQ
112
VSS
152
DQ28
192
RAS
232
DM7
33
DQ24
73
WE
113
DQS7
153
DQ29
193
S0
233
NC
34
DQ25
74
CAS
114
DQS7
154
VSS
194
VDDQ
234
VSS
35
VSS
75
VDDQ
115
VSS
155
DM3
195
ODT0
235
DQ62
36
DQS376
S1
116
DQ58
156
NC
196
A13
236
DQ63
37
DQS3
77
ODT1
117
DQ59
157
VSS
197
VDD
237
VSS
38
VSS
78
VDDQ
118
VSS
158
DQ30
198
VSS
238
VDDSPD
39
DQ26
79
VSS
119
SDA
159
DQ31
199
DQ36
239
SA0
40
DQ27
80
DQ32
120
SCL
160
VSS
200
DQ37
240
SA1
* The pin names in parenthesises are applied to DIMM with ECC only.
* NC=No connect


Similar Part No. - HYMP564U72P8-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP564P72CP8-C4 HYNIX-HYMP564P72CP8-C4 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP564P72CP8-E3 HYNIX-HYMP564P72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP564P72CP8-S5 HYNIX-HYMP564P72CP8-S5 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP564P72CP8-Y5 HYNIX-HYMP564P72CP8-Y5 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP564R728-E3 HYNIX-HYMP564R728-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP564U72P8-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com