Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP125R72MP4-E3 Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMP125R72MP4-E3
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP125R72MP4-E3 Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMP125R72MP4-E3 Datasheet HTML 3Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 4Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 9Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 10Page - Hynix Semiconductor HYMP125R72MP4-E3 Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Rev. 1.0 / Apr. 2005
7
1
240pin Registered DDR2 SDRAM DIMMs
FUNCTIONAL BLOCK DIAGRAM
1GB(128Mbx72) : HYMP512R728
z
/RS0
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DQ 32
DQ 33
DQ 34
DQ 35
DQ 36
DQ 37
DQ 38
DQ 39
DQ 40
DQ 41
DQ 42
DQ 43
DQ 44
DQ 45
DQ 46
DQ 47
/RS1
/DQ1
/DQS10
DM1,DQS10
DQ1
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D1
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D10
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS0
/DQS9
DM0, DQS9
DQS0
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D0
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D9
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS2
/DQS11
DM 2,DQS11
DQS2
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D2
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D11
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS3
/DQS12
DM3,DQS12
DQS3
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D3
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D12
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS8
/DQS17
DM8,DQS17
DQS8
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D8
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D17
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS4
/DQS13
DM4, DQS13
DQS4
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D4
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D13
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS5
/DQS14
DM5, DQS14
DQS5
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D5
DM
RDQS
NU
/RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D14
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS6
/DQS15
DM6, DQS15
DQS6
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D6
DM
RDQS
NU
/RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D15
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
/DQS7
/DQS16
DM7, DQS16
DQS7
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D7
DM
RDQS
NU
/RDQS
/CS
DQS / DQS
I/ O 0
I/ O 1
I/ O 2
I/ O 3
I/ O 4
I/ O 5
I/ O 6
I/ O 7
D16
DM
RDQS
NU
/ RDQS
/CS
DQS / DQS
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DQ 56
DQ 57
DQ 58
DQ 59
DQ 60
DQ 61
DQ 62
DQ 63
DQ 48
DQ 49
DQ 50
DQ 51
DQ 52
DQ 53
DQ 54
DQ 55
ODT0
CKE0
/PCK7
/WE
1:2
R
E
G
I
S
T
E
R
PCK7
/RESET
/CAS
/RAS
BA0 to BA1
A0 to A13
/S1
/RST
/S0
RODT1 = > ODT1: SDRAMs D9-D17
ODT1
CKE1
RODT0 = > ODT0: SDRAMs D0-D8
RCKE1 = > CKE1: SDRAMs D9-D17
RCKE0 = > CKE0: SDRAMs D0-D8
/RA0 to RA12 = > A0 -A12 : SDRAMs D0-D17
/RWE = > /W E: SDRAMs D0-D17
/RCAS = > /CAS: SDRAMs D0-D17
/RRAS = > /RAS: SDRAMs D0-D17
/RBA0 to RBA1 = > BA0 -BA1 : SDRAMs D 0-D17
/RS1 to /CS : SDRAMs D9 - D17
/RS0 to /CS : SDRAMs D 0 - D8
Notes:
1. Register values are 22 Ohms +/- 5% .
2. /RS0 and /RS1 alternate between the back and front sides of the DIMM
P
L
L
OE
CK0
/CK0
/RESET
PCK0 to PCK6, PCK8,PCK9 = > CK : SDRAMx D0-D17
/PCK0 to /PCK6, /PCK8,/PCK9 = > /CK : SDRAMx D0-D17
PCK7 = > CK: Register
/PCK7 = > /CK: Register
SCL
SDA
A0
A1
WP
Serial PD
SCL
SA0
SA1
SA2
A1
VDD SPD
VREF
VDD/VDDQ
VSS
Serial
PD
DO-D 17
DO-D 17
DO-D 17


Similar Part No. - HYMP125R72MP4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP125F72CP8D3-C4 HYNIX-HYMP125F72CP8D3-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S5 HYNIX-HYMP125F72CP8D3-S5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-S6 HYNIX-HYMP125F72CP8D3-S6 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D3-Y5 HYNIX-HYMP125F72CP8D3-Y5 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
HYMP125F72CP8D5-C4 HYNIX-HYMP125F72CP8D5-C4 Datasheet
3Mb / 32P
   240pin Fully Buffered DDR2 SDRAM DIMMs
More results

Similar Description - HYMP125R72MP4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com