Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP512R72P4-E3 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HYMP512R72P4-E3
Description  240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512R72P4-E3 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HYMP512R72P4-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 9Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 10Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 11Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 12Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 13Page - Hynix Semiconductor HYMP512R72P4-E3 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Rev. 1.0 / Apr. 2005
10
1
240pin Registered DDR2 SDRAM DIMMs
ABSOLUTE MAXIMUM RATINGS
Note :
1. Stress greater than those listed may cause permanent damage to the device. This is a stress rating only, and device
functional operation at or above the conditions indicated is not implied. Expousure to absolute maximum rating con
ditions for extended periods may affect reliablility.
OPERATING CONDITIONS
Note :
1. Up to 9850 ft.
2. If the DRAM case temperature is Above 85oC, the Auto-Refresh command interval has to be reduced to
tREFI=3.9us. For Measurement conditions of TCASE, please refer to the JEDEC document JESD51-2.
DC OPERATING CONDITIONS (SSTL_1.8)
Note :
1. VDDQ must be less than or equal to VDD.
2. Peak to peak ac noise on VREF may not exeed +/-2% VREF(dc)
3. VTT of transmitting device must track VREF of receiving device.
Parameter
Symbol
Value
Unit
Note
Voltage on VDD pin relative to Vss
VDD
- 1.0 V ~ 2.3 V
V
1
Voltage on VDDL pin relative to Vss
VDDL
-0.5V ~ 2.3 V
V
1
Voltage on VDDQ pin relative to Vss
VDDQ
- 0.5 V ~ 2.3 V
V
1
Voltage on any pin relative to Vss
VIN, VOUT
- 0.5 V ~ 2.3 V
V
1
Storage Temperature
TSTG
-50 ~ +100
oC
1
Storage Humidity(without condensation)
HSTG
5 to 95
%
1
Parameter
Symbol
Rating
Units
Notes
DIMM Operating temperature(ambient)
TOPR
0 ~ +55
oC
DIMM Barometric Pressure(operating & storage)
PBAR
105 to 69
K Pascal
1
DRAM Component Case Temperature Range
TCASE
0 ~+95
oC
2
Parameter
Symbol
Min
Max
Unit
Note
Power Supply Voltage
VDD
1.7
1.9
V
VDDL
1.7
1.9
V
VDDQ
1.7
1.9
V
1
Input Reference Voltage
VREF
0.49 x VDDQ
0.51 x VDDQ
V2
EEPROM Supply Voltage
VDDSPD
1.7
3.6
V
Termination Voltage
VTT
VREF-0.04
VREF+0.04
V
3


Similar Part No. - HYMP512R72P4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-C4 HYNIX-HYMP512R724-C4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-C5 HYNIX-HYMP512R724-C5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-E4 HYNIX-HYMP512R724-E4 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
HYMP512R724-Y5 HYNIX-HYMP512R724-Y5 Datasheet
232Kb / 18P
   DDR2 SDRAM Registered DIMM
More results

Similar Description - HYMP512R72P4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HYMP112P72CP8-C4 HYNIX-HYMP112P72CP8-C4 Datasheet
513Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com