Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1046BV33L-15VC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C1046BV33L-15VC
Description  1M x 4 Static RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1046BV33L-15VC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C1046BV33L-15VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1046BV33L-15VC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CY7C1046BV33
PRELIMINARY
Document #: 38-05170 Rev. **
Page 4 of 8
s
Data Retention Characteristics Over the Operating Range
Parameter
Description
Conditions[10]
Min.
Max
Unit
VDR
VCC for Data Retention
2.0
V
ICCDR
Data Retention Current
Com’lVCC = VDR = 2.0V,
CE > VCC – 0.3V
VIN > VCC – 0.3V or VIN < 0.3V
200
µA
tCDR
[3]
Chip Deselect to Data Retention Time
0
ns
tR
[9]
Operation Recovery Time
10
µs
Data Retention Waveform
Switching Waveforms
Read Cycle No. 1[11, 12]
Read Cycle No. 2 (OE Controlled)[12, 13]
Notes:
9.
tr < 3 ns for the -10, -12, and -15 speeds.
10. No input may exceed VCC + 0.5V.
11. Device is continuously selected. OE, CE = VIL.
12. WE is HIGH for read cycle.
13. Address valid prior to or coincident with CE transition LOW.
1046BV33–5
3.0V
3.0V
tCDR
VDR > 2V
DATA RETENTION MODE
tR
CE
VCC
PREVIOUS DATA VALID
DATA VALID
tRC
tAA
tOHA
1046BV33–6
ADDRESS
DATA OUT
50%
50%
DATA VALID
tRC
tACE
tDOE
tLZOE
tLZCE
tPU
HIGH IMPEDANCE
tHZOE
tHZCE
tPD
HIGH
OE
CE
ICC
ISB
IMPEDANCE
ADDRESS
DATA OUT
V
CC
SUPPLY
CURRENT
1046BV33-7


Similar Part No. - CY7C1046BV33L-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1046B-12VC CYPRESS-CY7C1046B-12VC Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1046B-15VC CYPRESS-CY7C1046B-15VC Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1046B-20VC CYPRESS-CY7C1046B-20VC Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1046BL-12VC CYPRESS-CY7C1046BL-12VC Datasheet
142Kb / 8P
   1M x 4 Static RAM
More results

Similar Description - CY7C1046BV33L-15VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1046B CYPRESS-CY7C1046B Datasheet
142Kb / 8P
   1M x 4 Static RAM
CY7C1046CV33 CYPRESS-CY7C1046CV33 Datasheet
161Kb / 9P
   1M x 4 Static RAM
CY7C1046BN CYPRESS-CY7C1046BN Datasheet
292Kb / 9P
   1M x 4 Static RAM
CY7C1046D CYPRESS-CY7C1046D Datasheet
393Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1046DV33 CYPRESS-CY7C1046DV33 Datasheet
441Kb / 8P
   4-Mbit (1M x 4) Static RAM
CY7C1061AV25 CYPRESS-CY7C1061AV25 Datasheet
269Kb / 11P
   1M x 16 Static RAM
CY7C107 CYPRESS-CY7C107 Datasheet
144Kb / 8P
   1M x 1 Static RAM
CY7C1061AV33 CYPRESS-CY7C1061AV33 Datasheet
270Kb / 11P
   1M x 16 Static RAM
CY7C107B CYPRESS-CY7C107B Datasheet
144Kb / 9P
   1M x 1 Static RAM
CY7C107BN CYPRESS-CY7C107BN Datasheet
310Kb / 7P
   1M x 1 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com