Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD74HC1G00 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74HC1G00
Description  2-input NAND Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC1G00 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74HC1G00 Datasheet HTML 1Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 2Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 3Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 4Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 5Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 6Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 7Page - Renesas Technology Corp HD74HC1G00 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
HD74HC1G00
Rev.5.00, Jan.27.2004, page 4 of 7
Electrical Characteristics
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
VCC
(V)
Min
Typ
Max
Min
Max
Unit Test Conditions
2.0
1.5
1.5
4.5
3.15
3.15
VIH
6.0
4.2
4.2
2.0
0.5
0.5
4.5
1.35
1.35
Input voltage
VIL
6.0
1.8
1.8
V
2.0
1.9
2.0
1.9
4.5
4.4
4.5
4.4
6.0
5.9
6.0
5.9
IOH = –20
µA
4.5
4.18
4.31
4.13
IOH = –2 mA
VOH
6.0
5.68
5.80
5.63
IOH = –2.6 mA
2.0
0.0
0.1
0.1
4.5
0.0
0.1
0.1
6.0
0.0
0.1
0.1
IOL = 20
µA
4.5
0.17
0.26
0.33
IOL = 2 mA
Output voltage
VOL
6.0
0.18
0.26
0.33
VVIN =
VIH or VIL
IOL = 2.6 mA
Input current
IIN
6.0
±0.1
±1.0
µAVIN = VCC or GND
Operating current
ICC
6.0
1.0
10.0
µAVIN = VCC or GND


Similar Part No. - HD74HC1G00

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC1G02 RENESAS-HD74HC1G02 Datasheet
53Kb / 8P
   2-input NOR Gate
HD74HC1G02CME RENESAS-HD74HC1G02CME Datasheet
53Kb / 8P
   2-input NOR Gate
HD74HC1G04 RENESAS-HD74HC1G04 Datasheet
55Kb / 8P
   Inverter
HD74HC1G04CME RENESAS-HD74HC1G04CME Datasheet
55Kb / 8P
   Inverter
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
   2-input AND Gate
More results

Similar Description - HD74HC1G00

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SZ00AFE TOSHIBA-TC7SZ00AFE Datasheet
150Kb / 4P
   2 INPUT NAND GATE
TC4S11F TOSHIBA-TC4S11F Datasheet
166Kb / 4P
   2 INPUT NAND GATE
TC7SET00F TOSHIBA-TC7SET00F Datasheet
165Kb / 5P
   2-INPUT NAND GATE
logo
NXP Semiconductors
74AHC1G00 PHILIPS-74AHC1G00 Datasheet
74Kb / 16P
   2-input NAND gate
2002 May 27
logo
Renesas Technology Corp
HD74HCT1G00 RENESAS-HD74HCT1G00 Datasheet
52Kb / 8P
   2-input NAND Gate
logo
NXP Semiconductors
74AHC1G00 NXP-74AHC1G00 Datasheet
77Kb / 11P
   2-input NAND gate
Rev. 06-30 May 2007
logo
Unisonic Technologies
U74HC2G00 UTC-U74HC2G00 Datasheet
129Kb / 5P
   2-INPUT NAND GATE
logo
Renesas Technology Corp
RD74LVC1G00 RENESAS-RD74LVC1G00 Datasheet
1Mb / 7P
   2-input NAND Gate
logo
Minilogic Device Corpor...
ML74UL00 MINILOGIC-ML74UL00 Datasheet
122Kb / 3P
   2-input NAND Gate
logo
Nexperia B.V. All right...
74HC1G00-Q100 NEXPERIA-74HC1G00-Q100 Datasheet
677Kb / 12P
   2-input NAND gate
74HC1G00 NEXPERIA-74HC1G00 Datasheet
206Kb / 10P
   2-input NAND gate
Rev. 6 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com