Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28342OC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28342OC
Description  High-performance SiS645/650 Pentium 4 Clock Synthesizer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28342OC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28342OC Datasheet HTML 1Page - Cypress Semiconductor CY28342OC Datasheet HTML 2Page - Cypress Semiconductor CY28342OC Datasheet HTML 3Page - Cypress Semiconductor CY28342OC Datasheet HTML 4Page - Cypress Semiconductor CY28342OC Datasheet HTML 5Page - Cypress Semiconductor CY28342OC Datasheet HTML 6Page - Cypress Semiconductor CY28342OC Datasheet HTML 7Page - Cypress Semiconductor CY28342OC Datasheet HTML 8Page - Cypress Semiconductor CY28342OC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
CY28342
Document #: 38-07349 Rev. *A
Page 2 of 22
Table 1. Frequency Table
FS(4:0)
CPU (MHz)
SDRAM (MHz)
ZCLK (MHz)
AGP (MHz)
PCI (MHz)
VCO (MHz)
00000
100.20
100.20
66.80
66.80
33.40
400.8
00001
133.45
133.45
66.73
66.73
33.365
533.8
00010
100.20
133.60
66.80
66.80
33.40
400.8
00011
133.45
100.09
66.73
66.73
33.365
400.4
00100
100.20
167.00
62.63
62.63
31.315
501.0
00101
133.33
166.66
66.67
66.67
33.335
666.7
00110
100.20
150.30
66.80
66.80
33.40
601.2
00111
133.33
66.67
66.67
66.67
33.335
533.3
01000
100.20
120.24
66.80
66.80
33.40
601.2
01001
145.00
145.00
64.44
64.44
32.22
580.0
01010
111.11
133.33
66.67
66.67
33.335
666.7
01011
166.60
133.28
66.64
66.64
32.22
666.4
01100
66.80
66.80
66.80
66.80
33.40
400.8
01101
66.80
66.80
50.10
50.10
25.05
400.8
01110
100.20
133.60
100.20
66.80
33.40
400.8
01111
100.20
133.60
80.16
66.80
33.40
400.8
10000
100.20
167.00
83.50
62.63
31.315
501.0
10001
100.20
167.00
100.20
62.63
31.315
501.0
10010
102.20
136.27
68.13
68.13
34.065
408.8
10011
133.40
200.10
66.70
66.70
33.35
400.2
10100
105.00
140.00
70.00
70.00
35.00
420.0
10101
83.33
138.89
69.44
69.44
34.72
416.6
10110
108.00
144.00
72.00
72.00
36.00
432.0
10111
83.33
104.16
69.44
69.44
34.72
416.6
11000
116.00
145.00
64.44
64.44
32.22
580.0
11001
83.33
166.67
62.50
62.50
31.25
500.0
11010
120.00
150.00
66.67
66.67
33.335
600.0
11011
95.00
142.50
63.33
63.33
31.665
570.0
11100
112.00
140.00
62.22
62.22
31.11
560.0
11101
75.00
125.00
62.50
62.50
31.25
375.0
11110
108.00
180.00
67.50
67.50
33.75
540.0
11111
95.00
158.33
79.17
79.17
39.585
475.0


Similar Part No. - CY28342OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28342OC SPECTRALINEAR-CY28342OC Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
CY28342OCT SPECTRALINEAR-CY28342OCT Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
More results

Similar Description - CY28342OC

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28342 SPECTRALINEAR-CY28342 Datasheet
258Kb / 21P
   High-performance SiS645/650 Pentium짰 4-Clock Synthesizer
logo
Cypress Semiconductor
C9827H CYPRESS-C9827H Datasheet
171Kb / 25P
   High Performance Pentium 4 Clock Synthesizer
CY28381 CYPRESS-CY28381 Datasheet
143Kb / 19P
   High-Performance SiS645DX/648DX/650/651 Intel Pentium 4 Clock Synthesizer
logo
Integrated Device Techn...
IDT74FCT3907 IDT-IDT74FCT3907 Datasheet
104Kb / 7P
   3.3V PENTIUM??CLOCK SYNTHESIZER
logo
Cypress Semiconductor
C9870G CYPRESS-C9870G Datasheet
175Kb / 25P
   High Performance Pentium짰 4 Clock Synthesizer
CY2254A CYPRESS-CY2254A Datasheet
94Kb / 8P
   Pentium Processor Compatible Clock Synthesizer/Driver
logo
Maxim Integrated Produc...
MAX3674 MAXIM-MAX3674 Datasheet
314Kb / 19P
   High-Performance, Dual-Output, Network Clock Synthesizer
Rev 0; 12/07
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
   Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
Texas Instruments
CDC7005 TI-CDC7005 Datasheet
397Kb / 29P
[Old version datasheet]   3.3-V HIGH PERFORMANCE CLOCK SYNTHESIZER AND JITTER CLEANER
logo
Motorola, Inc
MC12429 MOTOROLA-MC12429 Datasheet
123Kb / 12P
   HIGH FREQUENCY CLOCK SYNTHESIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com