Electronic Components Datasheet Search |
|
HYMP512R72L4-C5 Datasheet(PDF) 3 Page - Hynix Semiconductor |
|
HYMP512R72L4-C5 Datasheet(HTML) 3 Page - Hynix Semiconductor |
3 / 18 page HYMP512R72(L)4 Rev. 0.2 / July 2004 3 Input/Output Functional Description Symbol Type Polarity Pin Description CK0~CK1 IN Positive Edge Positive line of the differential pair of system clock inputs that drives input to the on-DIMM PLL. CK0~CK1IN Negative Edge Negative line of the differential pair of system clock inputs that drives input to the on-DIMM PLL. CKE0~CKE1 IN Active High Activates the DDR2 SDRAM CK signal when high and deactivates the CK signal when low. By deacti- vating the clocks, CKE low initiates the Power Down mode or the Self Refresh mode. S0~S1 IN Active Low Enables the associated DDR2 SDRAM command decoder when low and disables the command decoder when high. When the command decoder is disabled, new commands are ignored but previous operations continue. Rank 0 is selected by S0; Rank 1 is selected by S1 ODT0~ODT1 IN Active High On-Die Termination signals. RAS, CAS, WE IN Active Low When sampled at the positive rising edge of the clock. RAS,CAS and WE(ALONG WITH S) define the command being entered. Vref Supply Reference voltage for SSTL18 inputs VDDQ Supply Power supplies for the DDR2 SDRAM output buffers to provide improved noise immunity. For all current DDR2 unbuffered DIMM designs, VDDQ shares the same power plane as VDD pins. BA0~BA1 IN - Selects which DDR2 SDRAM internal bank of four is activated. A0~A9,A10/AP A11~A13 IN - During a Bank Activate command cycle, Address input difines the row address(RA0~RA13) During a Read or Write command cycle, Address input defines the column address when sampled at the cross point of the rising edge of CK and falling edge of CK. In addition to the column address, AP is used to invoke autoprecharge operation at the end of the burst read or write cycle. If AP is high., autopre- charge is selected and BA0-BAn defines the bank to be precharged. If AP is low, autoprecharge is dis- abled. During a Precharge command cycle., AP is used in conjunction with BA0-BAn to control which bank(s) to precharge. If AP is high, all banks will be precharged regardless of the state of BA0-BAn inputs. If AP is low, then BA0-BAn are used to define which bank to precharge. DQ0~DQ63, CB0~CB7 IN - Data and Check Bit Input/Output pins. DM0~DM8 IN Active High DM is an input mask signal for write data. Input data is masked when DM is sampled High coincident with that input data during a write access. DM is sampled on both edges of DQS. Although DM pins are input only, the DM loading matches the DQ and DQS loading. VDD,VSS Supply Power and ground for the DDR2 SDRAM input buffers, and core logic. VDD and VDDQ pins are tied to VDD/VDDQ planes on these modules. DQS0~DQS17 I/O Positive Edge Positive line of the differential data strobe for input and output data DQS0~DQS17 I/O Negative Edge Negative line of the differential data strobe for input and output data SA0~SA1 IN - These signals are tied at the system planar to either VSS or VDDSPD to configure the serial SPD EEPROM address range. SDA I/O - This is a bidirectional pin used to transfer data into or out of the SPD EEPROM. A resister may be con- nected from the SDA bus line to VDDSPD on the system planar to act as a pull up. SCL IN - This signal is used to clock data into and out of the SPD EEPROM. A resistor may be connected from SCL to VDDSPD to act as a pull up on the system board. VDDSPD Supply Power supply for SPD EEPROM. This supply is separate from the VDD/VDDQ power plane. EEPROM supply is operable from 1.7V to 3.6V. RESET IN The RESET pin is connected to the RST pin on the register and to the OE pin on the PLL. When low, all register outputs will be driven low and the PLL clocks to the DRAMs and register(s) will be set to low level (the PLL will remain synchronized with the input clock) Par_In IN Parity bit for the Address and Control bus(“1”. Odd, “0”.Even) Err_Out OUT Parity error found in the Address and Control bus TEST Used by memory bus analysis tools(unused on memory DIMMs) |
Similar Part No. - HYMP512R72L4-C5 |
|
Similar Description - HYMP512R72L4-C5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |