Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP512R72L4-E3 Datasheet(PDF) 2 Page - Hynix Semiconductor

Part # HYMP512R72L4-E3
Description  DDR2 SDRAM Registered DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512R72L4-E3 Datasheet(HTML) 2 Page - Hynix Semiconductor

  HYMP512R72L4-E3 Datasheet HTML 1Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 2Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 3Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 4Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 5Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 6Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 7Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 8Page - Hynix Semiconductor HYMP512R72L4-E3 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
128Mx72 bits
DDR2 SDRAM Registered DIMM
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.2 / July 2004
2
HYMP512R72(L)4
DESCRIPTION
Hynix HYMP512R72(L)4 series is registered 240-pin double data rate 2 Synchronous DRAM Dual In-Line Memory
Modules(DIMMs) which are organized as 128Mx72 high-speed memory arrays. Hynix HYMP512R72(L)4 series con-
sists of eighteen 128Mx4 DDR2 SDRAMs in 60-Lead FBGA chipsize packages. Hynix HYMP512R72(L)4 series pro-
vide a high performance 8-byte interface in 133.35mm width form factor of industry stanard. It is suitable for easy
interchange and addition. Hynix HYMP512R72(L)4 series is designed for high speed of up to 333MHz and offers fully
synchronous operations referenced to both rising and falling edges of differential clock inputs. While all addresses and
control inputs are latched on the rising edges of the clock, Data, Data strobes and Write data masks inputs are sam-
pled on both rising and falling edges of it. The data paths are internally pipelined and 4-bit prefetched to achieve very
high bandwidth. All input and output voltage levels are compatible with SSTL_1.8. High speed frequencies, program-
mable latencies and burst lengths allow variety of device operation in high performance memory system.
Hynix HYMP512R72(L)4 series incorporates SPD(serial presence detect). Serial presence detect function is imple-
mented via a serial 2,048-bit EEPROM. The first 128 bytes of serial PD data are programmed by Hynix to identify
DIMM type, capacity and other the information of DIMM and the last 128 bytes are available to the customer.
FEATURES
ORDERING INFORMATION
Type
Part No.
Description
CL-tRCD-tRP
Form Factor
PC2-3200 (DDR2-400)
HYMP512R72(L)4-E4
one rank 1GB
Reg. DIMM
4-4-4
240pin Registered DIMM
133.35 mm x 30,00 mm
(MO-237)
HYMP512R72(L)4-E3
3-3-3
PC2-4300 (DDR2-533)
HYMP512R72(L)4-C5
5-5-5
HYMP512R72(L)4-C4
4-4-4
PC2-5300 (DDR2-667)
HYMP512R72(L)4-Y6
6-6-6
HYMP512R72(L)4-Y5
5-5-5
1GB (128M x 72) Registered DDR2 DIMM based on
128Mx4 DDR2 SDRAMs
JEDEC standard Double Data Rate2 Synchronous
DRAMs (DDR2 SDRAMs) with 1.8V +/- 0.1V Power
Supply
JEDEC Standard 240-pin dual in-line memory mod-
ule (DIMM)
Error Check Correction (ECC) Capability
All inputs and outputs are compatible with SSTL_1.8
interface
OCD (Off-Chip Driver Impedance Adjustment) and
ODT (On-Die Termination)
Fully differential clock operations (CK & /CK)
Programmable CAS Latency 3 / 4 /5 supported
Programmable Burst Length 4 / 8 with both sequen-
tial and interleave mode
All inputs and outputs SSTL_1.8 compatible
Auto refresh and self refresh supported
7.8us refresh period at Lower than TCASE 85℃,
3.9us( 85 ℃ < TCASE ≤ 95℃)
Serial Presence Detect(SPD) with EEPROM
DDR2 SDRAM Package: 60ball FBGA


Similar Part No. - HYMP512R72L4-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R724-E3 HYNIX-HYMP512R724-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R724-E3/C4 HYNIX-HYMP512R724-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728-E3 HYNIX-HYMP512R728-E3 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP512R728-E3/C4 HYNIX-HYMP512R728-E3/C4 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
More results

Similar Description - HYMP512R72L4-E3

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EBE41AE4ACWA ELPIDA-EBE41AE4ACWA Datasheet
247Kb / 27P
   4GB Registered DDR2 SDRAM DIMM
EBE51AD8AGFA ELPIDA-EBE51AD8AGFA Datasheet
212Kb / 23P
   512MB Registered DDR2 SDRAM DIMM
EBE10AD4AGFA ELPIDA-EBE10AD4AGFA Datasheet
210Kb / 23P
   1GB Registered DDR2 SDRAM DIMM
EBE51RC4AAFA ELPIDA-EBE51RC4AAFA Datasheet
203Kb / 22P
   512MB Registered DDR2 SDRAM DIMM
EBE21RD4AGFB ELPIDA-EBE21RD4AGFB Datasheet
215Kb / 23P
   2GB Registered DDR2 SDRAM DIMM
EBE10AD4AJFA ELPIDA-EBE10AD4AJFA Datasheet
240Kb / 28P
   1GB Registered DDR2 SDRAM DIMM
EBE21AD4AJFA ELPIDA-EBE21AD4AJFA Datasheet
246Kb / 28P
   2GB Registered DDR2 SDRAM DIMM
EBE21RD4AEFA-6 ELPIDA-EBE21RD4AEFA-6 Datasheet
204Kb / 22P
   2GB Registered DDR2 SDRAM DIMM
logo
Micron Technology
MT18HTF12872Y MICRON-MT18HTF12872Y Datasheet
261Kb / 18P
   DDR2 SDRAM Registered DIMM (RDIMM)
logo
List of Unclassifed Man...
SEP02G72E2BF2SA-37R ETC2-SEP02G72E2BF2SA-37R Datasheet
793Kb / 14P
   2GB DDR2 ??SDRAM registered DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com