Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMP512U648 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMP512U648
Description  240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMP512U648 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMP512U648 Datasheet HTML 1Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 2Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 3Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 4Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 5Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 6Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 7Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 8Page - Hynix Semiconductor HYMP512U648 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Rev. 1.0 / Apr. 2005
3
1240pin DDR2 SDRAM Unbuffered DIMMs
PIN CONFIGURATION
Symbol
Type
Polarity
Pin Description
A[9:0], A10/AP,
A[13:11]
SSTL
-
During a Bank Activate command cycle, Address input difines the row address(RA0~RA15)
During a Read or Write command cycle, Address input defines the column address when
sampled at the cross point of the rising edge of CK and falling edge of CK. In addition to
the column address, AP is used to invoke autoprecharge operation at the end of the burst
read or write cycle. If AP is high., autoprecharge is selected and BA0-BAn defines the bank
to be precharged. If AP is low, autoprecharge is disabled. During a Precharge command
cycle., AP is used in conjunction with BA0-BAn to control which bank(s) to precharge. If AP
is high, all banks will be precharged regardless of the state of BA0-BAn inputs. If AP is low,
then BA0-BAn are used to define which bank to precharge.
DQ[63:0],
CB[7:0]
SSTL
-
Data and Check Bit Input/Output pins.
DM[8:0]
SSTL
Active High
DM is an input mask signal for write data. Input data is masked when DM is sampled High
coincident with that input data during a write access. DM is sampled on both edges of
DQS. Although DM pins are input only, the DM loading matches the DQ and DQS loading.
VDD,VSS
Supply
Power and ground for the DDR2 SDRAM input buffers, and core logic.
VDD and VDDQ pins are tied to VDD/VDDQ planes on these modules.
DQS[8:0],
DQS[8:0]
SSTL
Differential
crossing
Data strobe for input and output data. For Rawcards using x16 organized DRAMs, DQ0~7
connect to the LDQS pin of the DRAMs and DQ8~15 connect to the UDQS pin of the DRAM
SA[2:0]
-
These signals are tied at the system planar to either VSS or VDD to configure the serial SPD
EEPROM.
SDA
-
This is a bidirectional pin used to transfer data into or out of the SPD EEPROM. A resister
must be connected to VDD to act as a pull up.
SCL
-
This signal is used to clock data into and out of the SPD EEPROM. A resistor may be con-
nected from SCL to VDD to act as a pull up on the system board.
VDDSPD
Supply
Power supply for SPD EEPROM. This supply is separate from the VDD/VDDQ power plane.
EEPROM supply is operable from 1.7V to 3.6V.
1 pin
Front Side
64 pin 65 pin
120 pin
121 pin
Back Side
184 pin 185 pin
240 pin


Similar Part No. - HYMP512U648

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512P72CP4-C4 HYNIX-HYMP512P72CP4-C4 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512P72CP4-E3 HYNIX-HYMP512P72CP4-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512P72CP4-S5 HYNIX-HYMP512P72CP4-S5 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512P72CP4-Y5 HYNIX-HYMP512P72CP4-Y5 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512P72CP8-C4 HYNIX-HYMP512P72CP8-C4 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
More results

Similar Description - HYMP512U648

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HMP512U6FFP8C-Y5 HYNIX-HMP512U6FFP8C-Y5 Datasheet
441Kb / 25P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com