Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW41411 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STW41411
Description  Single Coil Dual Output Step Down DC/DC Converter for Digital Base Band and Multimedia Processor Supply
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW41411 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STW41411 Datasheet HTML 3Page - STMicroelectronics STW41411 Datasheet HTML 4Page - STMicroelectronics STW41411 Datasheet HTML 5Page - STMicroelectronics STW41411 Datasheet HTML 6Page - STMicroelectronics STW41411 Datasheet HTML 7Page - STMicroelectronics STW41411 Datasheet HTML 8Page - STMicroelectronics STW41411 Datasheet HTML 9Page - STMicroelectronics STW41411 Datasheet HTML 10Page - STMicroelectronics STW41411 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
STw4141
2 Electrical Characteristics
7/27
2
Electrical Characteristics
2.1
Absolute maximum ratings
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referenced to GND.
2.2
Thermal data
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
PVDD
Power Supply Voltage
-0.3 to 6
V
VDD
Signal Supply Voltage
-0.3 to 6
V
VEN
Enable Input
-0.3 to VDD
V
VSEL
Voltage Selection
-0.3 to VDD
V
VMODE/SYNC Operating Mode Selection/Synchronization Input
-0.3 to VDD
V
VAUTO
PWM/PFM automatic switch selection
-0.3 to VDD
V
VT_MODE
Test mode selection
-0.3 to VDD
V
VSTATE
Operating mode information
-0.3 to VOUT1
V
VOUT1,FB1
Output Voltage 1, Feedback 1
-0.3 to 3.3
V
VOUT2, FB2
Output Voltage 2, Feedback 2
-0.3 to 3.3
V
VLX1
External Inductor Connection Pin 1
-0.3 to VDD
V
VLX2
External Inductor Connection Pin 2
-0.3 to 3.3
V
TA
Operating Temperature Range
-40 to 85
°C
TJ
Maximum Operating Junction Temperature
150
°C
TSTG
Storage Temperature Range
-65 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction-Ambient
TFBGA 3x3 mm – 16 bumps - 0.5 mm pitch
150
°C/W


Similar Part No. - STW41411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW41411 STMICROELECTRONICS-STW41411 Datasheet
865Kb / 30P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41411 STMICROELECTRONICS-STW41411 Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41411/T STMICROELECTRONICS-STW41411/T Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW41411T STMICROELECTRONICS-STW41411T Datasheet
865Kb / 30P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
More results

Similar Description - STW41411

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW4141 STMICROELECTRONICS-STW4141_06 Datasheet
865Kb / 30P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
STW4141_0606 STMICROELECTRONICS-STW4141_0606 Datasheet
899Kb / 31P
   Single-coil dual-output step-down DC/DC converter for digital base band and multimedia processor supply
logo
Maxim Integrated Produc...
MAX1775 MAXIM-MAX1775_09 Datasheet
258Kb / 16P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
Rev 2; 4/09
MAX1775 MAXIM-MAX1775 Datasheet
290Kb / 15P
   Dual-Output Step-Down DC-DC Converter for PDA/Palmtop Computers
19-1811; Rev 1; 8/01
logo
Linear Technology
LTC3838EUHF LINER-LTC3838EUHF Datasheet
377Kb / 12P
   High Efficiency Dual Output Step-Down DC/DC Converter
logo
National Semiconductor ...
LM2717 NSC-LM2717 Datasheet
673Kb / 12P
   Dual Step-down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ Datasheet
812Kb / 16P
   Dual Step-Down DC/DC Converter
LM2717 NSC-LM2717_08 Datasheet
324Kb / 14P
   Dual Step-Down DC/DC Converter
LM2717-ADJ NSC-LM2717-ADJ_08 Datasheet
395Kb / 16P
   Dual Step-Down DC/DC Converter
LM2716 NSC-LM2716 Datasheet
563Kb / 17P
   Dual (Step-up and Step-down) PWM DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com