Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6795TPSD2+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX6795TPSD2+
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6795TPSD2+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX6795TPSD2+ Datasheet HTML 6Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 7Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 8Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 9Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 10Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 11Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 12Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 13Page - Maxim Integrated Products MAX6795TPSD2+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
10
______________________________________________________________________________________
Pin Description
Typical Operating Characteristics (continued)
(VIN = VEN = 14V, CIN = 0.1µF, COUT = 10µF, TJ = TA = +25°C, unless otherwise noted.)
LOAD-TRANSIENT RESPONSE
MAX6791-96toc21
OUT1
AC-COUPLED
IOUT1
100mA/div
1mA
500mV/div
1ms/div
MAX6792
OUT1 = 5V
COUT = 10
µF
LOAD-TRANSIENT RESPONSE
MAX6791-96toc22
IOUT1
OUT1
AC-COUPLED
100mA/div
20mA
500mV/div
1ms/div
MAX6792
OUT1 = 5V
COUT = 10
µF
PIN
MAX6791/
MAX6792
MAX6793/
MAX6794
MAX6795/
MAX6796
NAME
FUNCTION
1, 2
1, 2
OUT1
Regulator 1 Output. Fixed (+1.8V, +2.5V, +3.3V, or +5V) or adjustable (+1.8V to
+11V). OUT1 = 150mA (max). Connect a 10µF (min) capacitor from OUT1 to GND.
33
SET1
Feedback Input for Setting the OUT1 Voltage. Connect SET1 to GND to select the
preset output voltage. Connect to an external resistive divider for adjustable
output operation.
44
4
PFO
Active-Low, Open-Drain, Power-Fail Comparator Output. PFO asserts low
when PFI is below the internal 1.231V threshold. PFO deasserts when PFI is
above the internal 1.231V threshold.
55
5
CSWT
Watchdog Timeout Period Adjust Input. Connect CSWT to OUT1/OUT for the
internally fixed watchdog timeout period. For adjustable watchdog timeout period,
connect a capacitor from CSWT to GND. Connect CSWT to GND to disable the
watchdog. See the Selecting Watchdog Timeout Period section for more details.
66
6
CSRT
Reset Timeout Period Adjust Input. Connect CSRT to OUT1/OUT for the
internally fixed timeout period. For adjustable timeout, connect a capacitor
from CSRT to GND. See the Reset Output section for more details.
77
7
GND
Ground
88
8
RESET
Active-Low Reset Output. RESET remains low while OUT1/OUT is below the reset
threshold. RESET remains low for the duration of the reset timeout period after the
reset conditions end. RESET is available in push-pull and open-drain options.


Similar Part No. - MAX6795TPSD2+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6795TP MAXIM-MAX6795TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Similar Description - MAX6795TPSD2+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com