Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6035AAUR25-T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6035AAUR25-T
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035AAUR25-T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6035AAUR25-T Datasheet HTML 2Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 3Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 4Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 5Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 6Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 7Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 8Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 9Page - Maxim Integrated Products MAX6035AAUR25-T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
High-Supply-Voltage, Precision
Voltage Reference in SOT23
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VIN = 5V for MAX6035AAUR25/MAX6035AAUR30, VIN = 15V for MAX6035AAUR50, IOUT = 0, TA = +25°C, unless otherwise noted.)
MAX6035
LOAD REGULATION (VOUT = 5V)
LOAD CURRENT (mA)
8
6
4
2
0
4.995
4.996
4.997
4.998
4.999
5.000
5.001
4.994
-2
10
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
MAX6035
LOAD REGULATION (VOUT = 3V)
LOAD CURRENT (mA)
8
6
4
2
0
2.9960
2.9965
2.9970
2.9975
2.9980
2.9985
2.9990
2.9995
3.0000
3.0005
2.9955
-2
10
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
MAX6035
LOAD REGULATION (VOUT = 2.5V)
LOAD CURRENT (mA)
8
6
4
2
0
2.4970
2.4975
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.4965
-2
10
TA = -40
°C
TA = +25
°C
TA = +85
°C
TA = +125
°C
MAX6035
LINE REGULATION (VOUT = 5V)
INPUT VOLTAGE (V)
30
26
22
18
14
10
4.9975
4.9980
4.9985
4.9990
4.9995
4.9970
634
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX6035
LINE REGULATION (VOUT = 3V)
INPUT VOLTAGE (V)
28
22
16
10
2.9965
2.9970
2.9975
2.9980
2.9985
2.9990
2.9995
3.0000
3.0005
2.9960
434
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
MAX6035
LINE REGULATION (VOUT = 2.5V)
INPUT VOLTAGE (V)
28
22
10
16
2.4975
2.4980
2.4985
2.4990
2.4995
2.5000
2.5005
2.5010
2.4970
434
TA = +85
°C
TA = -40
°C
TA = +125
°C
TA = +25
°C
MAX6035AAUR50
OUTPUT VOLTAGE TEMPERATURE DRIFT
TEMPERATURE (
°C)
110
85
60
35
10
-15
5.000
5.001
5.002
5.003
5.004
5.005
4.999
4.998
4.997
-40
THREE TYPICAL PARTS
MAX6035AAUR30
OUTPUT VOLTAGE TEMPERATURE DRIFT
TEMPERATURE (
°C)
110
85
60
35
10
-15
2.997
2.999
3.001
3.003
2.995
2.993
-40
THREE TYPICAL PARTS
MAX6035AAUR25
OUTPUT VOLTAGE TEMPERATURE DRIFT
TEMPERATURE (
°C)
110
85
60
35
10
-15
2.5010
2.5005
2.5000
2.4995
2.5015
2.5020
2.5025
2.5030
2.5035
2.4990
-40
THREE TYPICAL PARTS


Similar Part No. - MAX6035AAUR25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035AAUR25-T MAXIM-MAX6035AAUR25-T Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
More results

Similar Description - MAX6035AAUR25-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com