Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6035BAUR50 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6035BAUR50
Description  High-Supply-Voltage, Precision Voltage Reference in SOT23
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6035BAUR50 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6035BAUR50 Datasheet HTML 1Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 2Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 3Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 4Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 5Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 6Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 7Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 8Page - Maxim Integrated Products MAX6035BAUR50 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX6035 is a high-voltage, precision micropower
voltage reference. This three-terminal device is available
with output voltage options of 2.5V, 3.0V, and 5.0V. It is an
excellent upgrade for industry-standard devices such as
the REF02 and REF43. The MAX6035 offers 14x lower
power than the REF02 and 5x lower power than the
REF43, as well as a reduced package size from an 8-pin
SO to a 3-pin SOT23. The MAX6035 features a proprietary
temperature coefficient curvature-correction circuit and
laser-trimmed, thin-film resistors that result in a very low
temperature coefficient of 25ppm/°C (max) and an initial
accuracy of ±0.2% (max).
The MAX6035 typically draws only 73µA of supply cur-
rent and can source 10mA or sink 2mA of load current.
Unlike conventional shunt-mode (two-terminal) refer-
ences that waste supply current and require an external
resistor, this device offers a supply current that is virtu-
ally independent of the supply voltage and does not
require an external resistor. Additionally, this internally
compensated device does not require an external com-
pensation capacitor, but is also stable with capacitive
loads up to 5µF. Eliminating the external compensation
capacitor saves valuable board area in space-critical
applications. The supply independent, ultra-low supply
current makes this device ideal for battery-operated,
high-performance systems.
The MAX6035 is available in a 3-pin SOT23 package
and is specified for operation from -40°C to +125°C.
Applications
Features
o Wide Supply Voltage Range: Up to 33V
o 25ppm/°C (max) Temperature Coefficient
(-40°C to +85°C)
o ±0.2% (max) Initial Accuracy
o Small 3-Pin SOT23 Package
o 95µA (max) Quiescent Supply Current
o 10mA Source Current, 2mA Sink Current
o No Output Capacitor Required
o Stable with Capacitive Loads up to 5µF
o Output Voltages: 2.5V, 3.0V, 5.0V
High-Supply-Voltage, Precision
Voltage Reference in SOT23
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
19-2606; Rev 1; 5/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX6035AAUR25-T
-40°C to +125°C
3 SOT23-3
FZMW
MAX6035BAUR25-T
-40°C to +125°C
3 SOT23-3
FZMX
MAX6035AAUR30-T
-40°C to +125°C
3 SOT23-3
FZMY
MAX6035BAUR30-T
-40°C to +125°C
3 SOT23-3
FZMZ
MAX6035AAUR50-T
-40°C to +125°C
3 SOT23-3
FZNA
MAX6035BAUR50-T
-40°C to +125°C
3 SOT23-3
FZNB
PART
MAXIMUM
TEMPCO
(ppm/°C)
(-40°C to +85°C)
MAXIMUM
INITIAL
ACCURACY
(%)
OUTPUT
VOLTAGE
(V)
MAX6035AAUR25
25
0.20
2.5
MAX6035BAUR25
65
0.50
2.5
MAX6035AAUR30
25
0.20
3.0
MAX6035BAUR30
65
0.50
3.0
MAX6035AAUR50
25
0.20
5.0
MAX6035BAUR50
65
0.50
5.0
Selector Guide
OUT
1
3
GND
IN
MAX6035
SOT23
TOP VIEW
2
Pin Configuration
MAX6035
0.1
µF*
*CAPACITOR IS OPTIONAL.
REFERENCE
OUT
OUT
IN
GND
+SUPPLY INPUT (SEE SELECTOR GUIDE)
Typical Operating Circuit
4mA to 20mA Industrial
Control Loops
Li+ Battery Chargers
12-Bit A/D and D/A
Converters
Digital Multimeters
Portable Data-Acquisition
Systems
Low-Power Test
Equipment


Similar Part No. - MAX6035BAUR50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035BAUR50 MAXIM-MAX6035BAUR50 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6035BAUR50-T MAXIM-MAX6035BAUR50-T Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
More results

Similar Description - MAX6035BAUR50

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
MAX6043 MAXIM-MAX6043 Datasheet
463Kb / 15P
   Precision High-Voltage Reference in SOT23
Rev 1; 5/04
MAX6043 MAXIM-MAX6043_V01 Datasheet
2Mb / 16P
   Precision High-Voltage Reference in SOT23
2021
MAX6033 MAXIM-MAX6033 Datasheet
450Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 2; 6/03
MAX6033 MAXIM-MAX6033_12 Datasheet
343Kb / 11P
   Ultra-High-Precision SOT23 Series Voltage Reference
Rev 3; 3/12
MAX6010 MAXIM-MAX6010 Datasheet
170Kb / 6P
   Precision, Micropower, 3V Series Voltage Reference in SOT23
Rev 0; 4/09
MAX6018 MAXIM-MAX6018 Datasheet
300Kb / 9P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
Rev 2; 12/02
MAX6018 MAXIM-MAX6018_V01 Datasheet
1Mb / 10P
   Precision, Micropower, 1.8V Supply, Low-Dropout, SOT23 Voltage Reference
2015
MAX6033 MAXIM-MAX6033_V01 Datasheet
1Mb / 13P
   High-Precision, Low-Dropout SOT23 Series Voltage Reference
2021
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com