Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6794TP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX6794TP
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6794TP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX6794TP Datasheet HTML 2Page - Maxim Integrated Products MAX6794TP Datasheet HTML 3Page - Maxim Integrated Products MAX6794TP Datasheet HTML 4Page - Maxim Integrated Products MAX6794TP Datasheet HTML 5Page - Maxim Integrated Products MAX6794TP Datasheet HTML 6Page - Maxim Integrated Products MAX6794TP Datasheet HTML 7Page - Maxim Integrated Products MAX6794TP Datasheet HTML 8Page - Maxim Integrated Products MAX6794TP Datasheet HTML 9Page - Maxim Integrated Products MAX6794TP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUT (WDS0, WDS1, WD-DIS, WDI)
Input-Voltage Low
VIL
0.4
V
Input-Voltage High
VIH
1.4
V
Input Current
Inputs connected to OUT/OUT1 or GND
-100
+100
nA
POWER-FAIL COMPARATOR
PFI Threshold
VPFI
1.199
1.231
1.263
V
PFI Hysteresis
0.5
%
PFI Input Current
VPFI = 14V
-100
+100
nA
PFI to PFO Delay
(VPFI + 50mV) to (VPFI - 50mV)
35
µs
LOGIC OUTPUT (RESET, PFO)
ISINK = 50µA (output asserted)
0.3
Output-Voltage Low (Open Drain
or Push-Pull)
VOL
ISINK = 3.2mA (output asserted)
0.4
V
VOUT
≥ 1.0V, ISOURCE = 10µA (output not
asserted)
0.8 x
VOUT
VOUT
≥ 1.5V, ISOURCE = 100µA (output not
asserted)
0.8 x
VOUT
Output-Voltage High (Push-Pull)
VOH
VOUT
≥ 2.2V, ISOURCE = 500µA (output not
asserted)
0.8 x
VOUT
V
Open-Drain Leakage
V RESET = V PFO = 12V (output not asserted)
100
nA
Note 1: All devices are 100% production tested at TJ = +25°C and +125°C. Limits at -40°C are guaranteed by design.
Note 2: Dropout voltage is defined as (VIN - VOUT) when VOUT is 98% of VOUT for VIN = 8V.
Note 3: Dropout voltage is defined as (VIN - VOUT) when VOUT is 98% of VOUT for VIN = 6V.
Note 4: Operation beyond the absolute maximum power dissipation is not guaranteed and may damage the part.
Note 5: Test at VIN = 8V (L/M), VIN = 6V (T/S), VIN = 5V (Z/Y/W/V).


Similar Part No. - MAX6794TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6794TP MAXIM-MAX6794TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Similar Description - MAX6794TP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com