Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6791 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6791
Description  High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6791 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6791 Datasheet HTML 1Page - Maxim Integrated Products MAX6791 Datasheet HTML 2Page - Maxim Integrated Products MAX6791 Datasheet HTML 3Page - Maxim Integrated Products MAX6791 Datasheet HTML 4Page - Maxim Integrated Products MAX6791 Datasheet HTML 5Page - Maxim Integrated Products MAX6791 Datasheet HTML 6Page - Maxim Integrated Products MAX6791 Datasheet HTML 7Page - Maxim Integrated Products MAX6791 Datasheet HTML 8Page - Maxim Integrated Products MAX6791 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
High-Voltage, Micropower, Single/Dual Linear
Regulators with Supervisory Functions
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 1µF, COUT = 10µF, TA = TJ = -40°C to +125°C, unless otherwise noted. Typical values are at TA = TJ = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
L/M, ILOAD = ILOAD1 = 1mA
4.858
4.974
5.090
L/M, ILOAD = 150mA (MAX6791–MAX6794),
VIN = 8V
4.811
4.945
5.078
L/M, ILOAD = 300mA (MAX6795/MAX6796),
VIN = 8V
4.850
5
5.150
T/S, ILOAD = ILOAD1 = 1mA
3.206
3.282
3.360
T/S, ILOAD = 150mA (MAX6791–MAX6794),
VIN = 6V
3.175
3.263
3.351
T/S, ILOAD = 300mA (MAX6795/MAX6796),
VIN = 6V
3.201
3.3
3.399
Z/Y, ILOAD = ILOAD1 = 1mA
2.429
2.487
2.546
Z/Y, ILOAD = 150mA (MAX6791–MAX6794),
VIN = 5.5V
2.405
2.472
2.539
Z/Y, ILOAD = 300mA (MAX6795/MAX6796),
VIN = 5.5V
2.425
2.5
2.575
W/V, ILOAD = ILOAD1 = 1mA
1.748
1.791
1.832
W/V, ILOAD = 150mA (MAX6791–MAX6794),
VIN = 5V
1.731
1.780
1.828
Output Voltage
VOUT/
VOUT1
W/V, ILOAD = 300mA (MAX6795/MAX6796),
VIN = 5V
1.746
1.8
1.854
V
ILOAD2 = 1mA
4.858
4.974
5.090
Output Voltage
(MAX6791–MAX6794)
VOUT2
ILOAD2 = 150mA
4.811
4.945
5.079
V
SET/SET1 Threshold Voltage
VSET
ILOAD = ILOAD1 = 1mA, OUT/OUT1 = 5V
1.207
1.2315
1.256
V
Adjustable Output Voltage
VOUT
1.8
11.0
V
SET/SET1 rising
124
Dual-Mode™ SET Threshold
SET/SET1 falling
62
mV
SET/SET1 Input Current
SET/SET1 = 1V, VIN = 11V
-100
+100
nA
L/M, ILOAD = 20mA (Note 2)
84
130
L/M, ILOAD = 300mA (Note 2)
1200
1800
(MAX6795/
MAX6796)
T/S, ILOAD = 300mA (Note 3)
1700
2400
L/M, ILOAD = 150mA (Note 2)
1000
1800
L/M, ILOAD = 10mA (Note 2)
84
130
Dropout Voltage
∆VDO
(MAX6791–
MAX6794)
T/S, ILOAD = 150mA (Note 3)
1700
2400
mV
MAX6795/MAX6796, inferred from dropout test
300
Guaranteed Output Current
(Note 4)
MAX6791–MAX6794, inferred from dropout test
150
mA
Dual Mode is a trademark of Maxim Integrated Products, Inc.


Similar Part No. - MAX6791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6791 MAXIM-MAX6791 Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791EVKIT MAXIM-MAX6791EVKIT Datasheet
131Kb / 6P
   MAX6791 Evaluation Kit
Rev 0; 3/06
MAX6791TP MAXIM-MAX6791TP Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
More results

Similar Description - MAX6791

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6791 MAXIM-MAX6791_06 Datasheet
3Mb / 25P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 1; 8/06
MAX6791 MAXIM-MAX6791_11 Datasheet
405Kb / 24P
   High-Voltage, Micropower, Single/Dual Linear Regulators with Supervisory Functions
Rev 2; 10/11
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765_0709 MAXIM-MAX6765_0709 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 3; 9/07
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com