Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF05A20 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # TSF05A20
Description  FRD - For Power Factor Improvement High Frequency Rectification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TSF05A20 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  TSF05A20 Datasheet HTML 1Page - Nihon Inter Electronics Corporation TSF05A20 Datasheet HTML 2Page - Nihon Inter Electronics Corporation TSF05A20 Datasheet HTML 3Page - Nihon Inter Electronics Corporation TSF05A20 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FRD Type :
TSF05A20
TSF05A20
TSF05A20
TSF05A20
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight:1.45g
Rating
Symbol
TSF05A20
Unit
Repetitive Peak Reverse Voltage
VRRM
200
V
Average Rectified Output Current
IO
5
Tc=122
°C
50 Hz Half Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
7.85
A
Surge Forward Current
IFSM
80
50 Hz Half Sine Wave,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
- 40 to + 150
°C
Storage Temperature Range
Tstg
- 40 to + 150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
-
-
30
µA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 5A
-
-
0.98
V
Reverse Recovery Time
trr
IFM= 5A,
-di/dt= 50 A/
µs, Ta= 25°C
-
-
35
ns
Thermal Resistance
Rth(j-c) Junction to Case
-
-
5
°C/W
FEATURES
* Fast Recovery
* Low Forward Voltage Drop
* Low Power Loss, High Efficiency
* High Surge Capability
For Power Factor Improvement High Frequency Rectification


Similar Part No. - TSF05A20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
TSF05A20-11A NIEC-TSF05A20-11A Datasheet
120Kb / 1P
   FRED
logo
National Instruments Co...
TSF05A20-11A NI-TSF05A20-11A_15 Datasheet
120Kb / 1P
   FRED
TSF05A20 NI-TSF05A20_15 Datasheet
104Kb / 1P
   FRED
More results

Similar Description - TSF05A20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCU10A60 NIEC-FCU10A60 Datasheet
54Kb / 5P
   FRD FOR POWER FACTOR IMPROVEMENT HIGH FREQUENCY RECTIFICATION
FSU20B60 NIEC-FSU20B60 Datasheet
56Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TCU20B60 NIEC-TCU20B60 Datasheet
52Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TCU20A60 NIEC-TCU20A60 Datasheet
52Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TSF05A40 NIEC-TSF05A40 Datasheet
64Kb / 4P
   FRD - For Power Factor Improvement High Frequency Rectification
TSU05A60 NIEC-TSU05A60 Datasheet
53Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
FST20B60 NIEC-FST20B60 Datasheet
44Kb / 5P
   FRD FOR POWER FACTOR IMPROVEMENT HIGH FREQUENCY RECTIFICATION
TCU10A60 NIEC-TCU10A60 Datasheet
52Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TSU10A60 NIEC-TSU10A60 Datasheet
53Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
TSU10B60 NIEC-TSU10B60 Datasheet
53Kb / 5P
   FRD - For Power Factor Improvement High Frequency Rectification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com