Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCU20A30-11A Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # TCU20A30-11A
Description  FRD - 20A 300V 30ns
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCU20A30-11A Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  TCU20A30-11A Datasheet HTML 1Page - Nihon Inter Electronics Corporation TCU20A30-11A Datasheet HTML 2Page - Nihon Inter Electronics Corporation TCU20A30-11A Datasheet HTML 3Page - Nihon Inter Electronics Corporation TCU20A30-11A Datasheet HTML 4Page - Nihon Inter Electronics Corporation TCU20A30-11A Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RMS SURGE CURRENT RATINGS
TCU20A30
Ta=40°C,Non-Repetitive,No Load
0.1
0.2
0.5
1
2
5
10
PULSE WIDTH (ms)
50
100
200
500


Similar Part No. - TCU20A30-11A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCU20A30-11A KSS-TCU20A30-11A Datasheet
596Kb / 6P
   Fast Recovery Diode
logo
National Instruments Co...
TCU20A30-11A NI-TCU20A30-11A_15 Datasheet
132Kb / 1P
   FRED
More results

Similar Description - TCU20A30-11A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
TCU20A30 NIEC-TCU20A30 Datasheet
71Kb / 5P
   FRD - 20A 300V 30ns
FCU20UC16 NIEC-FCU20UC16 Datasheet
219Kb / 1P
   FRD - 20A Avg. 160Volts
FCU20UC20 NIEC-FCU20UC20 Datasheet
218Kb / 1P
   FRD - 20A Avg. 200 Volts
logo
KODENSHI_AUK CORP.
KSD-D0O042-001 KODENSHI-KSD-D0O042-001 Datasheet
232Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
SF20D300D2 KODENSHI-SF20D300D2 Datasheet
253Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
logo
PFC Device Inc.
PFR20300CT PFC-PFR20300CT Datasheet
780Kb / 7P
   20A 300V MOS Schottky Rectifier
logo
KODENSHI_AUK CORP.
SF20A300HZ2 KODENSHI-SF20A300HZ2 Datasheet
226Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
logo
PFC Device Inc.
PFR20L300CT PFC-PFR20L300CT Datasheet
777Kb / 7P
   20A 300V MOS Schottky Rectifier
logo
Taiwan Semiconductor Co...
TST20H300CW TSC-TST20H300CW Datasheet
373Kb / 5P
   20A, 300V Trench Schottky Rectifier
logo
KODENSHI_AUK CORP.
SF20A300HPI-1 KODENSHI-SF20A300HPI-1 Datasheet
295Kb / 5P
   300V, 20A ULTRAFAST DUAL RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com