Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCH30A15-11A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # TCH30A15-11A
Description  Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCH30A15-11A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  TCH30A15-11A Datasheet HTML 1Page - Nihon Inter Electronics Corporation TCH30A15-11A Datasheet HTML 2Page - Nihon Inter Electronics Corporation TCH30A15-11A Datasheet HTML 3Page - Nihon Inter Electronics Corporation TCH30A15-11A Datasheet HTML 4Page - Nihon Inter Electronics Corporation TCH30A15-11A Datasheet HTML 5Page - Nihon Inter Electronics Corporation TCH30A15-11A Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SBD Type :
T
T
T
TCH
CH
CH
CH30
30
30
30A
A
A
A15
15
15
15----11A
11A
11A
11A
OUTLINE DRAWING
Maximum Ratings
Approx Net Weight: 1.45g
Rating
Symbol
TCH30A15-11A
Unit
Repetitive Peak Reverse Voltage
VRRM
150
V
Average Rectified Output Current
IO
30
Tc=103
°C
50 Hz Full Sine Wave
Resistive Load
A
RMS Forward Current
IF(RMS)
33.3
A
Surge Forward Current
IFSM
250
50Hz Full Sine Wave ,1cycle
Non-repetitive
A
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +150
°C
Electrical
• Thermal Characteristics
Characteristics
Symbol
Conditions
Min. Typ. Max. Unit
Peak Reverse Current
IRM
Tj= 25
°C, VRM= VRRM
per arm
-
-
2
mA
Peak Forward Voltage
VFM
Tj= 25
°C, IFM= 15 A
per arm
-
-
0.91
V
Thermal Resistance (Junction to Case)
Rth(j-c) Junction to Case
-
-
1.5
°C /W
FEATURES
FEATURES
FEATURES
FEATURES
*Tabless TO-220
Packaged in 24mm Tape and Reel
*Dual Diodes – Cathode Common
*Low Forward Voltage Drop
*High Surge Capability
*Tj=150
°C operation


Similar Part No. - TCH30A15-11A

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCH30A15-11A KSS-TCH30A15-11A Datasheet
553Kb / 7P
   Schottky Barrier Diode
logo
National Instruments Co...
TCH30A15-11A NI-TCH30A15-11A_15 Datasheet
148Kb / 1P
   SBD
More results

Similar Description - TCH30A15-11A

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com