Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCH20A20 Datasheet(PDF) 4 Page - Nihon Inter Electronics Corporation

Part # TCH20A20
Description  Shottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCH20A20 Datasheet(HTML) 4 Page - Nihon Inter Electronics Corporation

  TCH20A20 Datasheet HTML 1Page - Nihon Inter Electronics Corporation TCH20A20 Datasheet HTML 2Page - Nihon Inter Electronics Corporation TCH20A20 Datasheet HTML 3Page - Nihon Inter Electronics Corporation TCH20A20 Datasheet HTML 4Page - Nihon Inter Electronics Corporation TCH20A20 Datasheet HTML 5Page - Nihon Inter Electronics Corporation TCH20A20 Datasheet HTML 6Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
TCH20A20 (per Arm)
Tj= 150 °C
0
40
80
120
160
200
PEAK REVERSE VOLTAGE (V)
5
10
20
50
AVERAGE REVERSE POWER DISSIPATION
TCH20A20 (Total)
0
40
80
120
160
200
REVERSE VOLTAGE (V)
0
1
2
3
4
5
6
7
RECT 180°
SINE WAVE
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
TCH20A20 (per Arm)
Tj= 150 °C
0
40
80
120
160
200
PEAK REVERSE VOLTAGE (V)
5
10
20
50
AVERAGE REVERSE POWER DISSIPATION
TCH20A20 (Total)
0
40
80
120
160
200
REVERSE VOLTAGE (V)
0
1
2
3
4
5
6
7
RECT 180°
SINE WAVE


Similar Part No. - TCH20A20

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
TCH20A20 NI-TCH20A20_15 Datasheet
140Kb / 1P
   SBD
More results

Similar Description - TCH20A20

ManufacturerPart #DatasheetDescription
logo
Rohm
RSX051VA-30 ROHM-RSX051VA-30_1 Datasheet
143Kb / 4P
   Shottky barrier diode
logo
Nihon Inter Electronics...
TCH20A15 NIEC-TCH20A15 Datasheet
54Kb / 6P
   Shottky Barrier Diode
logo
Rohm
RB491DT146 ROHM-RB491DT146 Datasheet
344Kb / 4P
   Shottky barrier diode
RB480K ROHM-RB480K_1 Datasheet
205Kb / 4P
   Shottky barrier diode
RSX071VA-30 ROHM-RSX071VA-30 Datasheet
65Kb / 3P
   Shottky barrier diode
RB451F_ ROHM-RB451F_ Datasheet
189Kb / 4P
   Shottky barrier diode
logo
Guangdong Kexin Industr...
RB715F KEXIN-RB715F Datasheet
42Kb / 1P
   Shottky barrier diode
logo
Kyocera Kinseki Corpota...
UCQS20A045 KSS-UCQS20A045 Datasheet
1Mb / 7P
   Shottky Barrier Diode
logo
Rohm
RB420DFH ROHM-RB420DFH Datasheet
761Kb / 6P
   Shottky barrier diode
RB491D ROHM-RB491D_15 Datasheet
336Kb / 7P
   Shottky barrier diode
logo
Fuji Electric
ERA82-004 FUJI-ERA82-004 Datasheet
74Kb / 4P
   SHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com