Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVD55-6 Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PVD55-6
Description  PIM MODULE 5.5KW 200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PVD55-6 Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PVD55-6 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PVD55-6 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PVD55-6 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TENTATIVE
PVD55-6 OUTLINE DRAWING
(Dimensions in mm)
CIRCUIT


Similar Part No. - PVD55-6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PVD55-12 NIEC-PVD55-12 Datasheet
66Kb / 3P
   PIM MODULE 5.5KW 400V
More results

Similar Description - PVD55-6

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PVD55-12 NIEC-PVD55-12 Datasheet
66Kb / 3P
   PIM MODULE 5.5KW 400V
PVD75-6 NIEC-PVD75-6 Datasheet
66Kb / 3P
   PIM MODULE 7.5KW 200V
PVD110-6 NIEC-PVD110-6 Datasheet
65Kb / 3P
   PIM MODULE 11KW 200V
PVD150-6 NIEC-PVD150-6 Datasheet
65Kb / 3P
   PIM MODULE 15KW 200V
logo
International Rectifier
GB25RF120K IRF-GB25RF120K Datasheet
781Kb / 13P
   IGBT PIM MODULE
GB10RF120K IRF-GB10RF120K Datasheet
1Mb / 12P
   IGBT PIM MODULE
GB30RF60K IRF-GB30RF60K Datasheet
398Kb / 14P
   IGBT PIM MODULE
GB15RF120K IRF-GB15RF120K Datasheet
348Kb / 13P
   IGBT PIM MODULE
logo
MacMic
MMG75W060XB6EN MACMIC-MMG75W060XB6EN Datasheet
434Kb / 9P
   600V 75A PIM Module
MMG75WD120XB6T4N MACMIC-MMG75WD120XB6T4N Datasheet
1Mb / 9P
   1200V 75A PIM Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com