Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTMB75B12C Datasheet(PDF) 3 Page - Nihon Inter Electronics Corporation

Part # PTMB75B12C
Description  IGBT SP series Six-Pack 75A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PTMB75B12C Datasheet(HTML) 3 Page - Nihon Inter Electronics Corporation

  PTMB75B12C Datasheet HTML 1Page - Nihon Inter Electronics Corporation PTMB75B12C Datasheet HTML 2Page - Nihon Inter Electronics Corporation PTMB75B12C Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PTMB75B12C
0123
4
0
25
50
75
100
125
150
Forward Voltage VF (V)
Fig.8- Forward Characteristics of Free Wheeling Diode
(Typical)
TC=25℃
TC=125℃
5
10
20
50
100
200
0.02
0.05
0.1
0.2
0.5
1
2
5
10
Series Gate Impedance RG (Ω)
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
tf
tr
ton
toff
VCC=600V
IC=75A
VGE=±15V
TC=25℃
0
400
800
1200
1600
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
Collector to Emitter Voltage V CE (V)
Fig.10- Reverse Bias Safe Operating Area (Typical)
RG=13Ω
VGE=±15V
TC≦125℃
0
150
300
450
1
2
5
10
20
50
100
200
500
-di/dt (A/μs)
Fig.9- Reverse Recovery Characteristics (Typical)
IRrM
trr
IF=75A
TC=25℃
10
-5
10
-4
10
-3
10
-2
10
-1
110
2x10
-3
5x10
-3
-2
2x10
-2
5x10
-2
-1
2x10
-1
5x10
-1
1
2
5
Time t (s)
fig11-Tansient Thermal Impedance
Tc=25℃
1 Shot Pulse
IGBT
FRD
1
1x10
1x10


Similar Part No. - PTMB75B12C

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PTMB75B12C NI-PTMB75B12C_15 Datasheet
205Kb / 3P
   IGBT
More results

Similar Description - PTMB75B12C

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PTMB75B12 NIEC-PTMB75B12 Datasheet
135Kb / 3P
   IGBT MODULE Six-Pack 75A 1200V
PTMB100B12C NIEC-PTMB100B12C Datasheet
145Kb / 3P
   IGBT SP series Six Pack 100A 1200V
PTMB50B12C NIEC-PTMB50B12C Datasheet
150Kb / 3P
   IGBT SP series Six-Pack 50A 1200V
logo
MacMic
MMG75W120X6TC MACMIC-MMG75W120X6TC Datasheet
1Mb / 6P
   1200V 75A Six-Pack Module
MMG75W120X6TN MACMIC-MMG75W120X6TN Datasheet
509Kb / 6P
   1200V 75A Six-Pack Module
MMGT75H120X6C MACMIC-MMGT75H120X6C Datasheet
297Kb / 6P
   1200V 75A Six-Pack Module
MMG75H120X6TC MACMIC-MMG75H120X6TC Datasheet
1Mb / 6P
   1200V 75A Six-Pack Module
MMG75H120X6TN MACMIC-MMG75H120X6TN Datasheet
381Kb / 6P
   1200V 75A Six-Pack Module
MMGT75W120X6C MACMIC-MMGT75W120X6C Datasheet
510Kb / 6P
   1200V 75A Six-Pack Module
logo
Nihon Inter Electronics...
PTMB100A6C NIEC-PTMB100A6C Datasheet
66Kb / 1P
   IGBT SP series Six-Pack 100A 600V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com