Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRHMB400B12A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PRHMB400B12A
Description  IGBT MODULE Chopper 400A 1200V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PRHMB400B12A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PRHMB400B12A Datasheet HTML 1Page - Nihon Inter Electronics Corporation PRHMB400B12A Datasheet HTML 2Page - Nihon Inter Electronics Corporation PRHMB400B12A Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT MODULE
MODULE
MODULE
MODULE Chopper 400A 1200V
Chopper 400A 1200V
Chopper 400A 1200V
Chopper 400A 1200V
PRHMB400B12A
PRHMB400B12A
PRHMB400B12A
PRHMB400B12A
CIRCUIT
OUTLINE DRAWING
MAXMUM RATINGS (Tc=25°C)
Item
Symbol
PRHMB400B12A
Unit
Collector-EmitterVoltage
VCES
1200
V
Gate -EmitterVoltage
VGES
+/ - 20
V
DC
IC
400
CollectorCurrent
1 ms
ICP
800
A
CollectorPowerDissipation
PC
1900
W
Junction Temperature Range
Tj
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
IsolationVoltage Terminal to Base AC,1 min.)
VISO
2500
V
Module Base to Heatsink
MountingTorque
Bus Bar to Main Terminals
FTOR
3
N
•m
ELECTRICAL CHARACTERISTICS (Tc=25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-EmitterCut-OffCurrent
ICES
VCE=1200V,VGE=0V
-
-
8.0
mA
Gate-EmitterLeakage Current
IGES
VGE=+/- 20V,VCE=0V
-
-
1.0
µA
Collector-EmitterSaturation Voltage
VCE(sat)
IC=400A,VGE=15V
-
1.9
2.4
V
Gate-EmitterThresholdVoltage
VGE(th)
VCE=5V,IC=400mA
4.0
-
8.0
V
InputCapacitance
Cies
VCE=10V,VGE=0V,f=1MHz
-
33000
-
pF
Rise Time
tr
-
0.25
0.45
Turn-on Time
ton
-
0.40
0.70
Fall Time
tf
-
0.25
0.35
SwitchingTime
Turn-off Time
toff
VCC=600V
RL= 1.5 ohm
RG= 1.0 ohm
VGE=+/- 15V
-
0.80
1.10
µs
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25°C)
Item
Symbol
Rated Value
Unit
DC
IF
400
ForwardCurrent
1 ms
IFM
800
A
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
PeakForward Voltage
VF
IF=400A,VGE=0V
-
1.9
2.4
V
Reverse RecoveryTime
trr
IF=400A,VGE=-10V,di/dt=800A/
µs
-
0.20
0.30
µs
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
-
-
0.065
Thermal Impedance
DIODE
Rth(j-c)
Junction to Case
-
-
0.12
°C/W
2-fasten-tabNo110
Dimension(mm)
Approximate Weight:450g


Similar Part No. - PRHMB400B12A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB400B12A NIEC-PRHMB400B12A Datasheet
200Kb / 3P
   400A 1200V
PRHMB400B12A NIEC-PRHMB400B12A_1 Datasheet
200Kb / 3P
   400A 1200V
logo
National Instruments Co...
PRHMB400B12A NI-PRHMB400B12A_15 Datasheet
200Kb / 3P
   IGBT
More results

Similar Description - PRHMB400B12A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB400B12 NIEC-PRHMB400B12 Datasheet
121Kb / 3P
   IGBT MODULE Chopper 400A 1200V
PCHMB400B12 NIEC-PCHMB400B12 Datasheet
121Kb / 3P
   IGBT MODULE Chopper 400A 1200V
PCHMB400B12A NIEC-PCHMB400B12A Datasheet
121Kb / 3P
   IGBT MODULE Chopper 400A 1200V
logo
MacMic
MMG400D120UK6HN MACMIC-MMG400D120UK6HN Datasheet
506Kb / 5P
   1200V 400A IGBT Module
MMG400KR120U MACMIC-MMG400KR120U Datasheet
563Kb / 5P
   1200V 400A IGBT Module
MMG400D120B6TN MACMIC-MMG400D120B6TN Datasheet
542Kb / 5P
   1200V 400A IGBT Module
MMG400D120UA6TC MACMIC-MMG400D120UA6TC Datasheet
539Kb / 6P
   1200V 400A IGBT Module
MMG400K120U6TN MACMIC-MMG400K120U6TN Datasheet
562Kb / 5P
   1200V 400A IGBT Module
MMG400D120B6BHN MACMIC-MMG400D120B6BHN Datasheet
405Kb / 6P
   1200V 400A IGBT Module
MMG400D120B6HN MACMIC-MMG400D120B6HN Datasheet
541Kb / 5P
   1200V 400A IGBT Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com