Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62339FP Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62339FP
Description  8-BIT 4CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62339FP Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62339FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62339FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62339FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62339FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62339FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62339FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M62334P/FP
MITSUBISHI <STD. LINEAR ICs>
8-BIT 4CH I
2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62339P/FP
980714 rev.E ( / 6 )
MITSUBISHI ELECTRIC
EXPLANATION OF TERMINALS
ABSOLUTE MAXIMUM RATING
Symbol
Vcc
Vin
Vo
Pd
Topr
Tstg
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Parameter
Conditions
–0.3 to 7.0
–0.3 to Vcc+0.3
–20 to 85
–55 to 125
Unit
V
V
V
mW
Ratings
°C
417 (DIP) / 272 (FP)
–0.3 to Vcc+0.3
°C
ELECTRICAL CHARACTERISTICS (Vcc=+5V±10%,GND=0V,Ta=–20 to 85°C unless otherwise noted)
VAO
Buffer amplifier output
voltage range
IAO=±100µA
0.1
V
0.2
V
IAO
Buffer amplifier output
drive range
Upper side saturation voltage=0.3V
Lower side saturation voltage=0.2V
–1.0
1.0
mA
SDL
SL
SZERO
SFULL
Co
Ro
Differential nonlinearity
Nonlinearity
Zero code error
Full scale error
Output capacitative load
Buffer amplifier
output inpedance
VCC=5.12V(20mV/LSB)
without load (IAO=0)
–1.0
1.0
–1.5
1.5
–2.0
2.0
–2.0
2.0
0.1
5.0
LSB
LSB
LSB
LSB
µF
IAO=±500µA
VCC-0.1
VCC-0.2
Input leak current
Input low voltage
Input high voltage
VIN=0 to Vcc
0.8VCC
–10
10
0.2VCC
V
V
IILK
VIL
VIH
Icc
Supply current
Symbol
Suplly voltage
Parameter
Test conditions
Ratings
MIN
TYP
MAX
Unit
V
Vcc
2.7
5.0
5.5
µA
mA
CLK=500kHz Operation, IAO=0
µA
Data : 6Ah (at maximum current )
SDA=SCL=GND,IAO=0
µA
mA
Pin No.
Symbol
Function
8
6
7
5
1
2
3
SDA
SCL
Ao1
Vcc
GND
Serial data input terminal
Serial clock input terminal
Ao2
Ao3
8-bit resolution D-A converter output terminal
Power supply terminal
GND terminal
4
Ao4
0
1.4
3.0
0
0.9
2.0
0
VCC
2


Similar Part No. - M62339FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62339FP RENESAS-M62339FP Datasheet
128Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62339FP RENESAS-M62339FP Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
More results

Similar Description - M62339FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62334P RENESAS-M62334P Datasheet
128Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_15 Datasheet
127Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
M62334P RENESAS-M62334P_08 Datasheet
143Kb / 10P
   8-bit 4ch I2C BUS D/A Converter with Buffer Amplifiers
R2A20164NPSA RENESAS-R2A20164NPSA_15 Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
R2A20164NP RENESAS-R2A20164NP Datasheet
355Kb / 9P
   8-bit 4ch D/A Converter with Buffer Amplifiers
logo
Mitsubishi Electric Sem...
M62332P MITSUBISHI-M62332P Datasheet
37Kb / 6P
   8-BIT 2CH I2C BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
M62393P MITSUBISHI-M62393P Datasheet
85Kb / 5P
   8-BIT 8CH I2C-BUS D-A CONVERTER WITH BUFFER AMPLIFIERS
logo
Renesas Technology Corp
M62333PFP RENESAS-M62333PFP_15 Datasheet
127Kb / 10P
   8-bit 3ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P_15 Datasheet
126Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
M62332P RENESAS-M62332P Datasheet
127Kb / 10P
   8-bit 2ch I2C BUS D/A Converter with Buffer Amplifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com