Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI9176DM-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI9176DM-T1
Description  High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9176DM-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI9176DM-T1 Datasheet HTML 1Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 2Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 3Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 4Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 5Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 6Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 7Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 8Page - Vishay Siliconix SI9176DM-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Si9176
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71753
S-21825—Rev. A, 07-Oct-02
ABSOLUTE MAXIMUM RATINGS
Voltages Referenced to AGND = 0 V
VIN, VDD
6.2 V
.................................................................
Lx, SD,MODE, FB,CREF
--0.3to6.2 V
......................................
(or to VDD +0.3 V whichever is less)
GND
--0.3 to +0.3 V
............................................................
ESD Rating
2 kV
...............................................................
Storage Temperature
--65 to 125_C
..........................................
Operating Junction Temperature
150_C
.......................................
Power Dissipation (Package)a
10-pin MSOPb
481 mW
........................................................
10-pin MLP33
915 mW
........................................................
Thermal Impedance (ΘJA)
10-Pin MSOP
135_C/W
.......................................................
10-Pin MLP33
71_C/W
........................................................
Peak Inductor Current
1.8 A
..................................................
Notes
a.
Device mounted with all leads soldered or welded to PC board.
b.
Derate 7.4 mW/_C above 85_C.
c.
Derate 14 mW/_C above 85_C.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING RANGE
VIN Range
2.6 V to 5.5 V
...........................................
CIN
10 mF Ceramic
................................................
COUT
4.7 mF Ceramic
.............................................
Inductor
2.2 mH
...................................................
Operating Load Current PWM Mode
0 to 600 mA
......................
Operating Load Current PSM Mode
0 to 150 mA
.......................
SPECIFICATIONS
Parameter
Test Conditions Unless Specified
Limits
Modef
Symbol
--40_Cto 85_C, VIN =VDD,,CIN =10 mF, COUT =4.7 mF
L= 2.2 mH, 2.6 V ≤ VIN ≤ 5.5 V, R1 =11.3 kΩ,R2 =20 kΩ
Mina
Typb
Maxa
Unit
Under Voltage Lockout (UVLO)
Under Voltage Lockout (turn-on)
VIN rising
2.3
2.5
V
Hysteresis
0.1
V
Shutdown (SD)
Logic HIGH
VSDH
1.6
V
Logic LOW
VSDL
0.4
V
Delay to Outputc
t
Settle Within ±2% accuracy SD rising
RL =3.3 Ω
100
ms
Delay to Outputc
ten
Settle Within ±2% accuracy SD rising
tr <1 ms
RL =51 Ω
100
ms
Pull Down
ISD
Input at VIN
mA
Mode Selection Tri-Level Logic (MODE)
MODE Pin HIGH
PWM
VIN --0.4
VIN
V
MODE Pin LOW
Auto
0.4
V
Mode Pin Input Current
MODE = GND
--5
mA
Mode Pin Input Current
MODE = VIN
5
mA
Oscillator
Frequency
fOSC
1.6
2
2.4
MHz
Error Amplifier (FB Pin)
FB Voltage Accuracy
VFB
TA =25_C
1.190
1.215
1.240
V
FB Voltage Accuracy
VFB
TA = --40to85_C
1.173
1.257
V
Power Supply Rejection
PSRR
VIN = 2.6 V to 5.5 VDC
60
db
Input Bias Current
IFB
VFB =1.25 V
--1
0.01
1
mA


Similar Part No. - SI9176DM-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9176DM-T1 VISHAY-SI9176DM-T1 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9176DM-T1-E3 VISHAY-SI9176DM-T1-E3 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
More results

Similar Description - SI9176DM-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9175 VISHAY-SI9175 Datasheet
334Kb / 12P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. A, 07-Oct-02
SIP12101 VISHAY-SIP12101 Datasheet
220Kb / 13P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. B, 03-Aug-09
SI9175 VISHAY-SI9175_04 Datasheet
289Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9176 VISHAY-SI9176_04 Datasheet
288Kb / 17P
   High Performance Step-Down DC-DC Converter With Adjustable Output Voltage
Rev. C, 14-Jun-04
SI9174 VISHAY-SI9174 Datasheet
296Kb / 17P
   High Performance Step-Down DC-DC Converter With Dynamically Adjustable Output Voltage
Rev. C, 14-jun-04
logo
Texas Instruments
LM3204 TI1-LM3204_16 Datasheet
950Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3200 TI1-LM3200 Datasheet
982Kb / 24P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3262 TI1-LM3262 Datasheet
2Mb / 41P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3205 TI1-LM3205_16 Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
LM3218 TI1-LM3218 Datasheet
3Mb / 21P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com