Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT70P35L25PF Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT70P35L25PF
Description  HIGH-SPEED 1.8V 8/4K x 18 DUAL-PORT, 8/4K x 16 DUAL-PORT STATIC RAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70P35L25PF Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT70P35L25PF Datasheet HTML 6Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 7Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 8Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 9Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 10Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 11Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 12Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 13Page - Integrated Device Technology IDT70P35L25PF Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
6.42
IDT70P35/34L(IDT70P25/24L)
ADVANCED
High-Speed 1.8V 8/4K x 18 (8/4K x 16) Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
10
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD= 1.8V ± 100mV)
NOTES:
1. Port "A" may be either left or right port. Port "B" is the opposite from port "A".
2. VDD = 1.8V, TA = +25°C, and are not production tested. IDD dc = 15mA (typ.)
3. At f = fMAX
, address and control lines (except Output Enable) are cycling at the maximum frequency read cycle of 1/tRC, and using “AC Test Conditions” of input levels of GND
to 3V.
4. f = 0 means no address or control lines change.
70P35/34L20
(70P25/24L20)
Com'l Only
70P35/34L25
(70P25/24L25)
Com'l
& Ind
Symbol
Parameter
Test Condition
Version
Typ.(2)
Max.
Typ.(2)
Max.
Unit
IDD
Dynamic Operating
Current
(Both Ports Active)
CE
= VIL, Outputs Disabled
SEM
= VIH
f = fMAX(3)
COM'L
L
25
40
20
32
mA
IND
L
25
46
20
38
ISB1
Standby Current
(Both Ports - TTL
Level Inputs)
CER
and CEL = VIH
SEMR
= SEML = VIH
f = fMAX(3)
COM'LL
3.55.6
2.2
3.5
mA
IND
L
3.5
6.0
2.2
4.6
ISB2
Standby Current
(One Port - TTL
Level Inputs)
CE"A"
= VIL and CE"B" = VIH(1)
Active Port Outputs Disabled,
f=fMAX(3)
SEMR
= SEML = VIH
COM'L
L15
25
12
20
mA
IND
L
15
32
12
26
ISB3
Full Standby Current
(Both Ports -
CMOS Level Inputs)
Both Ports CEL and
CER
> VDD - 0.2V,
VIN > VDD - 0.2V or
VIN < 0.2V, f = 0(4)
SEMR
= SEML > VDD-0.2V
COM'L
L4.5
7.5
3
5
mA
IND
L
4.5
7.5
3
5
ISB4
Full Standby Current
(One Port -
CMOS Level Inputs)
CE"A"
< 0.2V and
CE"B"
> VDD - 0.2V(1)
SEMR
= SEML > VDD-0.2V
VIN > VDD - 0.2V or VIN < 0.2V
Active Port Outputs Disabled,
f = fMAX(3)
COM'L
L15
25
12
20
mA
IND
L
15
32
12
26
5683 tbl 09
AC Test Conditions
Figure 1. AC Output Test Load
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 1.8V
3ns Max.
0.9V
0.9V
Figure 1
5683 tbl 10
*(For tLZ, tHZ, tWZ, tOW)
Timing of Power-Up Power-Down
CE
5683 drw 07
tPU
ICC
ISB
tPD
50%
50%
,
13500
10800
30pF
1.8V
5683 drw 07


Similar Part No. - IDT70P35L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P3517 IDT-IDT70P3517 Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3517S233RM IDT-IDT70P3517S233RM Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3517S250RM IDT-IDT70P3517S250RM Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3537 IDT-IDT70P3537 Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
IDT70P3537S233RM IDT-IDT70P3537S233RM Datasheet
873Kb / 20P
   512K/256K x36 SYNCHRONOUS DUAL QDR-II
More results

Similar Description - IDT70P35L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V35 IDT-IDT70V35 Datasheet
216Kb / 25P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
IDT70T35 IDT-IDT70T35 Datasheet
159Kb / 21P
   HIGH-SPEED 2.5V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
70V35 RENESAS-70V35 Datasheet
570Kb / 26P
   HIGH-SPEED 3.3V 8/4K x 18 DUAL-PORT 8/4K x 16 DUAL-PORT STATIC RAM
OCTOBER 2019
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S Datasheet
200Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
IDT7034S IDT-IDT7034S_15 Datasheet
673Kb / 19P
   HIGH-SPEED 4K x 18 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com