Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2748 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2748
Description  Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2748 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM2748 Datasheet HTML 7Page - National Semiconductor (TI) LM2748 Datasheet HTML 8Page - National Semiconductor (TI) LM2748 Datasheet HTML 9Page - National Semiconductor (TI) LM2748 Datasheet HTML 10Page - National Semiconductor (TI) LM2748 Datasheet HTML 11Page - National Semiconductor (TI) LM2748 Datasheet HTML 12Page - National Semiconductor (TI) LM2748 Datasheet HTML 13Page - National Semiconductor (TI) LM2748 Datasheet HTML 14Page - National Semiconductor (TI) LM2748 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
Application Information (Continued)
For example, if the master supply output voltage slew rate
was 1V/ms and the desired delay time between the startup
of the master supply and LM2745/8 output voltage was 5 ms,
then the desired SD pin slew rate would be (1.08V/5 ms) =
0.216V/ms. Due to the internal impedance of the SD pin, the
maximum recommended value for R
S2 is1k
Ω. To achieve
the desired slew rate, R
S1 would then be 274
Ω. A timing
diagram for this example is shown in Figure 7.
SD PIN IMPEDANCE
When connecting a resistor divider to the SD pin of the
LM2745/8 some care has to be taken. Once the SD voltage
goes above V
SD-IH, a 17 µA pull-up current is activated as
shown in Figure 8. This current is used to create the internal
hysteresis ()170 mV); however, high external impedances
will affect the SD pin logic thresholds as well. The external
impedance used for the sequencing divider network should
preferably be a small fraction of the impedance of the SD pin
for good performance (around 1 k
Ω).
MOSFET GATE DRIVERS
The LM2745/8 has two gate drivers designed for driving
N-channel MOSFETs in a synchronous mode. Note that
unlike most other synchronous controllers, the bootstrap
capacitor of the LM2745/8 provides power not only to the
driver of the upper MOSFET, but the lower MOSFET driver
too (both drivers are ground referenced, i.e. no floating
driver).
Two things must be kept in mind here. First, the BOOT pin
has an absolute maximum rating of 18V. This must never be
exceeded, even momentarily. Since the bootstrap capacitor
is connected to the SW node, the peak voltage impressed on
the BOOT pin is the sum of the input voltage (V
IN) plus the
voltage across the bootstrap capacitor (ignoring any forward
drop across the bootstrap diode). The bootstrap capacitor is
charged up by a given rail (called V
BOOT_DC here) whenever
the upper MOSFET turns off. This rail can be the same as
V
CC or it can be any external ground-referenced DC rail. But
care has to be exercised when choosing this bootstrap DC
rail that the BOOT pin is not damaged. For example, if the
desired maximum V
IN is 14V, and VBOOT_DC is chosen to be
the same as V
CC, then clearly if the VCC rail is 6V, the peak
voltage on the BOOT pin is 14V + 6V = 20V. This is unac-
ceptable, as it is in excess of the rating of the BOOT pin. A
V
CC of 3V would be acceptable in this case. Or the VIN range
must be reduced accordingly. There is also the option of
deriving the bootstrap DC rail from another 3V external rail,
independent of V
CC.
The second thing to be kept in mind here is that the output of
the low-side driver swings between the bootstrap DC rail
level of V
BOOT_DC and Ground, whereas the output of the
high-side driver swings between V
IN+VBOOT_DC
and
Ground. To keep the high-side MOSFET fully on when de-
sired, the Gate pin voltage of the MOSFET must be higher
than its instantaneous Source pin voltage by an amount
equal to the ’Miller plateau’. It can be shown that this plateau
is equal to the threshold voltage of the chosen MOSFET plus
a small amount equal to Io/g. Here Io is the maximum load
current of the application, and g is the transconductance of
this MOSFET (typically about 100 for logic-level devices).
That means we must choose V
BOOT_DC to at least exceed
20137411
FIGURE 7. Delay for Sequencing
20137406
FIGURE 8. SD Pin Logic
www.national.com
11


Similar Part No. - LM2748

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2748 TI-LM2748 Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2748MTC/NOPB TI1-LM2748MTC/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
LM2748MTCX TI-LM2748MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
More results

Similar Description - LM2748

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2747 TI-LM2747_15 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock Synchronization
logo
National Semiconductor ...
LM2747 NSC-LM2747 Datasheet
1,009Kb / 23P
   Synchronous Buck Controller with Pre-bias Startup, and Optional Clock Synchronization
logo
Texas Instruments
LM2745MTCX TI-LM2745MTCX Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup, and Optional Clock
LM2748MTC TI1-LM2748MTC Datasheet
1Mb / 37P
[Old version datasheet]   LM2745 / LM2748 Synchronous Buck Controller with Pre-Bias Startup
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Delta Electronics, Inc.
DNL DELTA-DNL Datasheet
936Kb / 15P
   Pre-bias startup
DNT12SIP05 DELTA-DNT12SIP05 Datasheet
716Kb / 13P
   Pre-bias startup
logo
Texas Instruments
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS40195 TI-TPS40195 Datasheet
665Kb / 39P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND POWER GOOD
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com